Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA12001 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ATA12001
Description  AGC Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA12001 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ATA12001 Datasheet HTML 1Page - ANADIGICS, Inc ATA12001 Datasheet HTML 2Page - ANADIGICS, Inc ATA12001 Datasheet HTML 3Page - ANADIGICS, Inc ATA12001 Datasheet HTML 4Page - ANADIGICS, Inc ATA12001 Datasheet HTML 5Page - ANADIGICS, Inc ATA12001 Datasheet HTML 6Page - ANADIGICS, Inc ATA12001 Datasheet HTML 7Page - ANADIGICS, Inc ATA12001 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRELIMINARY DATA SHEET - Rev 4
08/2001
ATA12001
3
Table 3: Electrical Specifications (1)
(T
A = 25°C, VDD =+5.0V + 10%, CDIODE + CSTRAY = 0.5 pF, Det. cathode to IIN)
Notes:
1. f = 50MHz
2. Measured with I
in below AGC Threshold. During AGC, input impedance will
decrease proportionally to I
in.
3. Defined as the I
in where Transresistance has decreased by 50%.
4. See note on “Indirect Measurement of Optical Overload.”
5. See note on “Measurement of Input Referred Noise Current.”
6. C
AGC = 220 pF
7. Parameter is guaranteed (not tested) by design and characterization data
@ 1.2 Gb/s, assuming dectector responsivity of 0.9.
Figure 3: ATA 12001 Typical Bonding Diagram
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
R
(
e
c
n
a
t
s
i
s
e
r
s
n
a
r
T
L
I,
=
C
D
)
A
n
0
0
5
<5
.
3K
R
(
e
c
n
a
t
s
i
s
e
r
s
n
a
r
T
L
)
0
5
=
)
1
(
2
.
14
.
1K
B
d
3
-
h
t
d
i
w
d
n
a
B0
0
90
0
1
1z
H
M
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
)
2
(
0
0
1
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O0
30
50
6
t
n
e
rr
u
C
y
l
p
p
u
S5
10
35
4A
m
e
g
a
tl
o
V
t
e
s
ff
O
t
u
p
n
I4
.
16
.
19
.
1s
tl
o
V
e
g
a
tl
o
V
t
e
s
ff
O
t
u
p
t
u
O8
.
1s
tl
o
V
I(
d
l
o
h
s
e
r
h
T
C
G
A
N
I )
)
3
(
0
0
10
5
1A
d
a
o
lr
e
v
O
l
a
c
it
p
O
)
4
(
3
-0
m
B
d
t
n
e
rr
u
C
e
s
i
o
N
t
u
p
n
I
)
5
(
0
2
10
7
1A
n
t
n
a
t
s
n
o
C
e
m
i
T
C
G
A
)
6
(
6
1c
e
s
tf
ir
D
e
g
a
tl
o
V
t
e
s
ff
O1
±/
V
mC
º
y
ti
v
it
i
s
n
e
S
l
a
c
it
p
O
)
7
(
9
2
-1
3
-m
B
d
e
g
n
a
R
e
g
a
tl
o
V
g
n
it
a
r
e
p
O5
.
4
+0
.
5
+0
.
6
+s
tl
o
V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O0
4
-5
8C
º
m
m
W
¥
W
W
W
W
VDD1
IIN
GND
GND
GND GND
GND
GND
GND
GND
CBY
CBY
CAGC
VOUT
1992
4E
VDD2
PIN
56pF
56pF
OUT
56pF
56pF
VDD
GND


Similar Part No. - ATA12001

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA121302 ANADIGICS-ATA121302 Datasheet
203Kb / 8P
   1.25Gb/s Transimpedance Amplifier
ATA121302D1C ANADIGICS-ATA121302D1C Datasheet
147Kb / 5P
   1.25 GB/S TRANSIMPEDANCE AMPLIFIER
ATA121302D1C ANADIGICS-ATA121302D1C Datasheet
203Kb / 8P
   1.25Gb/s Transimpedance Amplifier
More results

Similar Description - ATA12001

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
   AGC Transimpedance Amplifier
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
   AGC Transimpedance Amplifier
ATA00501S2C ANADIGICS-ATA00501S2C Datasheet
180Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
222Kb / 8P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01501D1C ANADIGICS-ATA01501D1C Datasheet
333Kb / 4P
   AGC TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com