Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWL6950 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWL6950
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6950 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWL6950 Datasheet HTML 1Page - ANADIGICS, Inc AWL6950 Datasheet HTML 2Page - ANADIGICS, Inc AWL6950 Datasheet HTML 3Page - ANADIGICS, Inc AWL6950 Datasheet HTML 4Page - ANADIGICS, Inc AWL6950 Datasheet HTML 5Page - ANADIGICS, Inc AWL6950 Datasheet HTML 6Page - ANADIGICS, Inc AWL6950 Datasheet HTML 7Page - ANADIGICS, Inc AWL6950 Datasheet HTML 8Page - ANADIGICS, Inc AWL6950 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet - Rev 2.2
04/2006
AWL6950
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not
implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely
affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed
only over the conditions defined in the electrical specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
V
(
y
l
p
p
u
S
r
e
w
o
P
C
D
C
C
,
G
2V C
C
)
G
5-
5
.
4
+V
A
P
(
e
g
a
t
l
o
V
l
o
r
t
n
o
C
r
e
w
o
P
N
O
A
P
,
G
2
N
O
)
G
5-
5
.
4
+V
d
e
il
p
p
a
l
a
n
g
i
s
F
R
o
N
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C
C
D-
0
0
7A
my
l
e
t
a
r
a
p
e
s
d
e
r
e
w
o
p
A
P
r
e
h
t
i
E
F
R
(
l
e
v
e
L
t
u
p
n
I
F
R
N
I
F
R
,
G
2
N
I
)
G
5-
5
-m
B
d
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
O0
4
-5
8
+C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
5
-0
5
1
+C
°
e
c
n
a
r
e
l
o
T
D
S
E0
0
0
1-
V
e
s
r
e
v
e
r
d
n
a
d
r
a
w
r
o
f
,
s
n
i
p
ll
A
l
e
d
o
M
y
d
o
B
n
a
m
u
H
.
e
g
a
t
l
o
v
)
M
B
H
(
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
)
f
(
y
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O
0
0
4
2
0
0
9
4
-
-
0
0
5
2
0
0
9
5
z
H
M
g
/
b
1
1
.
2
0
8
a
1
1
.
2
0
8
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
C
D
C
C
V
,
G
2
C
C
)
G
50
.
3
+3
.
3
+6
.
3
+V
d
e
il
p
p
a
F
R
h
t
i
w
A
P
(
e
g
a
t
l
o
V
l
o
r
t
n
o
C
r
e
w
o
P
N
O
A
P
,
G
2
N
O
)
G
5
0
.
2
+
0
3
.
3
+
-
6
.
3
+
8
.
0
+
V
"
N
O
"
A
P
"
N
W
O
D
T
U
H
S
"
A
P
T
(
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
C
)0
4
--
5
8
+C
°


Similar Part No. - AWL6950

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6951 ANADIGICS-AWL6951 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL6951RM22P0 ANADIGICS-AWL6951RM22P0 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL6951RM22P6 ANADIGICS-AWL6951RM22P6 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL6951RM22P8 ANADIGICS-AWL6951RM22P8 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
More results

Similar Description - AWL6950

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6951 ANADIGICS-AWL6951 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
   5 GHz 802.11a WLAN Power Amplifier
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Keysight Technologies
M9077A KEYSIGHT-M9077A Datasheet
2Mb / 13P
   M9077A WLAN 802.11a/b/g/n/ac
logo
ANADIGICS, Inc
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
   802.11a/b/g/n WLAN/Bluetooth FEIC
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com