Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWM6430RM18P8 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWM6430RM18P8
Description  3.3-3.6 GHz WiMAX PowerAmplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWM6430RM18P8 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWM6430RM18P8 Datasheet HTML 1Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 2Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 3Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 4Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 5Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 6Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 7Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 8Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PRELIMINARY DATA SHEET - Rev 1.0
01/2006
AWM6430
Table 4: Electrical Specifications
(TC = +25 °C, VCC = +6.0 V, VBIAS = +3.0 V, f = 3.5 GHz, 50
Ω system)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
n
i
a
G5
27
20
3B
d
p
e
t
S
r
o
t
a
u
n
e
t
t
A5
17
19
1B
d
k
s
a
M
m
u
r
t
c
e
p
S
s
t
e
e
M
r
e
w
o
P
t
u
p
t
u
O4
2
+-
-
m
B
dG
e
p
y
T
1
2
0
-
1
0
3
N
E
I
S
T
E
M
V
E-
3
.
25
.
2%
P
m
B
d
4
2
+
t
a
T
U
O
B
d
1
P
t
u
p
t
u
O-
1
3
+-
m
B
dW
C
3
P
I
t
u
p
t
u
O-
3
4
+-
m
B
d
m
B
d
1
2
+
,
s
e
n
o
t
W
C
o
w
t
e
n
o
t
r
e
p
t
u
p
t
u
o
s
c
i
n
o
m
r
a
H-
0
2
--
m
B
dP
m
B
d
4
2
+
t
a
T
U
O
y
c
n
e
i
c
i
f
f
E
d
e
d
d
A
-
r
e
w
o
P-
8
.
2
1-
%
P
m
B
d
4
2
+
t
a
T
U
O
e
g
a
t
l
o
V
r
o
t
c
e
t
e
D
r
e
w
o
P
P
m
B
d
4
2
+
t
a
T
U
O
P
m
B
d
4
1
+
t
a
T
U
O
-
-
6
.
2
+
6
.
0
+
-
-
Vd
a
o
l
e
c
n
a
d
e
p
m
i
h
g
i
H
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q-
7
80
2
1A
m
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C
V C
C
V
S
A
I
B
V
N
T
T
A
-
-
-
5
0
3
8
.
6
2
.
0
5
6
3
8
0
.
1
A
m
P
T
U
O
m
B
d
4
2
+
=
V
3
.
3
+
=
h
g
i
H
c
i
g
o
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L-
7
.
10
.
3A
mV
(
n
w
o
d
t
u
h
s
A
P
S
A
I
B
)
V
0
=
Note:
1. All RF measurements performed with an 802.11g 54 Mbps OFDM signal unless otherwise noted.


Similar Part No. - AWM6430RM18P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWM6431 ANADIGICS-AWM6431 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
AWM6431RM18P8 ANADIGICS-AWM6431RM18P8 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
AWM6432 ANADIGICS-AWM6432 Datasheet
217Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6432RM18P8 ANADIGICS-AWM6432RM18P8 Datasheet
217Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6433 ANADIGICS-AWM6433 Datasheet
650Kb / 9P
   3.4 - 3.6 GHz WiMAX Power Amplifier Module
More results

Similar Description - AWM6430RM18P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWM6432 ANADIGICS-AWM6432 Datasheet
217Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6431 ANADIGICS-AWM6431 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
AWM6433 ANADIGICS-AWM6433 Datasheet
650Kb / 9P
   3.4 - 3.6 GHz WiMAX Power Amplifier Module
logo
Johanson Technology Inc...
3600BP14M0600 JOHANSON-3600BP14M0600 Datasheet
115Kb / 2P
   3.3 - 3.7 GHz WiMAX BPF
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
Johanson Technology Inc...
3600BP14M0600T JOHANSON-3600BP14M0600T Datasheet
114Kb / 2P
   3.3 - 3.7 GHz WiMAX BPF
logo
Cree, Inc
CGH35060F1 CREE-CGH35060F1 Datasheet
2Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
logo
WOLFSPEED, INC.
CGH35060F1_P1 WOLFSPEED-CGH35060F1_P1 Datasheet
1Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev. 3.3, 2022-10-28
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
TriQuint Semiconductor
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com