Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWS5524D1 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWS5524D1
Description  0.5 to 2.5 GHz SP4T Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5524D1 Datasheet(HTML) 6 Page - ANADIGICS, Inc

  AWS5524D1 Datasheet HTML 1Page - ANADIGICS, Inc AWS5524D1 Datasheet HTML 2Page - ANADIGICS, Inc AWS5524D1 Datasheet HTML 3Page - ANADIGICS, Inc AWS5524D1 Datasheet HTML 4Page - ANADIGICS, Inc AWS5524D1 Datasheet HTML 5Page - ANADIGICS, Inc AWS5524D1 Datasheet HTML 6Page - ANADIGICS, Inc AWS5524D1 Datasheet HTML 7Page - ANADIGICS, Inc AWS5524D1 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ADVANCED PRODUCT INFORMATION - Rev 0.1
12/2002
AWS5524
Die Applications
Bonding and circuit connections for the unpackaged
AWS5524 die are shown in Figure 8, and application
details are listed in the following notes:
1. Cb are DC blocking capacitors external to the
device. A value of 100 pF is sufficient for operation
to 500 MHz. The values may be tailored to provide
specific electrical responses. The isolation of the
switch provides enough decoupling of RF ports 1
through 4 so that overall switch performance is not
affected.
2. The VS pin provides a fixed voltage potential to
the common port of the switch. To get the best linear
performance, it should be tied to the logic high
voltage potential (not the power supply). Current
draw on this pin is less than 5
µA.
3. The RF Ground bondwires should be kept as
short as possible and bonded directly to a good RF
ground for best broadband performance.
4. LESD provides a means to increase the ESD
protection on a specific RF port, typically the port
attached to the antenna. The ESD rating of the device
is ±125 V HBM overall. This rating is associated
with the control pin to RF port path. RF port to RF
port/RF Gnd has been determined to be >±500 V
HBM for this technology. By using LESD as an RF
choke on a port, an ESD protection to ±8 kV contact
discharge can be achieved.
5. The die may be attached by either conductive or
non-conductive epoxy formulated for attaching
semiconductor parts. The back of the die is
electrically isolated from the switch circuit and can
be grounded or left isolated.
Figure 8: Application Schematic
Control Pin, RF Path 2
RF Gnd, Path 1 Shunt
RF Port 4
Common
Port Supply
Note 2 (Logic high)
Cb
Control Pin, RF Path 1
RFC
RF3G
RF4
VS
V1
RF2G
RF2
RF3
V3
V4
RF4G
V2
RF1
RF1G
Control Pin, RF Path 4
Control Pin, RF Path 3
RF Gnd, Path 2 Shunt
Keep RF Gnd Bondwires Short
4 Places, Note 3
RF Port 1
Cb
Cb
RF Port 2
RF Port 3
RF Gnd, Path 3 Shunt
RF Gnd, Path 4 Shunt
Common (Ant.) RF Port
LESD
Note 4
Cb
Cb
APPLICATION INFORMATION


Similar Part No. - AWS5524D1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5522 ANADIGICS-AWS5522 Datasheet
193Kb / 12P
   0.5 to 2.5 GHz SPDT Switch
AWS5522D1 ANADIGICS-AWS5522D1 Datasheet
193Kb / 12P
   0.5 to 2.5 GHz SPDT Switch
AWS5522S26 ANADIGICS-AWS5522S26 Datasheet
193Kb / 12P
   0.5 to 2.5 GHz SPDT Switch
AWS5523 ANADIGICS-AWS5523 Datasheet
125Kb / 8P
   0.5 to 2.5 GHz SP3T Switch
AWS5523D1 ANADIGICS-AWS5523D1 Datasheet
125Kb / 8P
   0.5 to 2.5 GHz SP3T Switch
More results

Similar Description - AWS5524D1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5533 ANADIGICS-AWS5533 Datasheet
219Kb / 12P
   0.5 to 2.5 GHz SP3T SWITCH
AWS5522 ANADIGICS-AWS5522 Datasheet
193Kb / 12P
   0.5 to 2.5 GHz SPDT Switch
AWS5523 ANADIGICS-AWS5523 Datasheet
125Kb / 8P
   0.5 to 2.5 GHz SP3T Switch
logo
Hexawave, Inc
HWS519_V1 HW-HWS519_V1 Datasheet
59Kb / 2P
   GaAs 0.5-6 GHz SP4T Switch
HWS554_V2 HW-HWS554_V2 Datasheet
110Kb / 4P
   SOI 0.5-3.0 GHz SP4T Switch
logo
Honeywell Solid State E...
HRF-SW1020 HONEYWELL-HRF-SW1020 Datasheet
238Kb / 5P
   SP4T Absorptive RF Switch DC To 2.5 GHz Operation
HRF-SW1021 HONEYWELL-HRF-SW1021 Datasheet
138Kb / 5P
   SP4T Absorptive RF Switch DC To 2.5 GHz Operation
logo
ANADIGICS, Inc
AWS5532R ANADIGICS-AWS5532R Datasheet
321Kb / 12P
   0.5 to 2.5 GHz 10 W SPDT Switch
logo
Tyco Electronics
MASWML025 MACOM-MASWML025 Datasheet
79Kb / 1P
   SP4T Reflective Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
logo
Skyworks Solutions Inc.
SKY13626-685LF SKYWORKS-SKY13626-685LF Datasheet
174Kb / 2P
   0.4 to 3.8 GHz SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com