Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWS5532R Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWS5532R
Description  0.5 to 2.5 GHz 10 W SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5532R Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWS5532R Datasheet HTML 1Page - ANADIGICS, Inc AWS5532R Datasheet HTML 2Page - ANADIGICS, Inc AWS5532R Datasheet HTML 3Page - ANADIGICS, Inc AWS5532R Datasheet HTML 4Page - ANADIGICS, Inc AWS5532R Datasheet HTML 5Page - ANADIGICS, Inc AWS5532R Datasheet HTML 6Page - ANADIGICS, Inc AWS5532R Datasheet HTML 7Page - ANADIGICS, Inc AWS5532R Datasheet HTML 8Page - ANADIGICS, Inc AWS5532R Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.3
09/2005
AWS5532R
5
Table 5: Electrical Specifications
(TA = +25 OC, RF ports terminated with 50
Ω, Vn = +3.0 V and is the Control Voltage for the ON path, RFC-
RFn; VX = 0 V and is the Control Voltage for the other OFF path, RFC-RFx)
Notes:
(1) Isolated RFx ports have a return loss of approximately -3 dB.
(2) Two tones with PIN = +27 dBm each, 1 MHz channel spacing.
Table 6: Switch Control Truth Table
E
G
A
T
L
O
V
L
O
R
T
N
O
C
N
O
I
T
C
E
L
E
S
H
T
A
P
F
R
V1
V2
1
F
R
-
C
F
R
2
F
R
-
C
F
R
V
5
+
o
t
5
.
2
+V
2
.
0
+
o
t
2
.
0
-N
OF
F
O
V
2
.
0
+
o
t
2
.
0
-V
5
+
o
t
5
.
2
+F
F
ON
O
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
s
s
o
L
n
o
it
r
e
s
n
I
z
H
G
1
z
H
G
2
-
-
0
3
.
0
0
4
.
0
5
.
0
6
.
0
B
dt
r
o
p
n
F
R
d
e
t
c
e
l
e
s
o
t
t
r
o
p
C
F
R
s
s
o
L
n
r
u
t
e
R
)
1
(
z
H
G
1
z
H
G
2
-
-
4
2
2
2
0
2
8
1
B
dt
r
o
p
n
F
R
d
e
t
c
e
l
e
s
d
n
a
t
r
o
p
C
F
R
n
o
it
a
l
o
s
I
z
H
G
1
z
H
G
2
7
2
5
2
0
3
7
2
-
-
B
dt
r
o
p
x
F
R
d
e
t
a
l
o
s
i
o
t
t
r
o
p
C
F
R
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
n
I
)
2
(
z
H
M
9
4
8
-
4
2
88
6
+1
7
+-
m
B
dt
r
o
p
n
F
R
d
e
t
c
e
l
e
s
o
t
t
r
o
p
C
F
R
B
d
1
.
0
r
o
f
r
e
w
o
P
t
u
p
n
I
n
o
i
s
s
e
r
p
m
o
C
z
H
M
9
4
8
-
4
2
89
3
+5
.
0
4
+-
m
B
d
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C
--
0
5
mA
t
r
o
p
n
V
h
c
a
e


Similar Part No. - AWS5532R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5533 ANADIGICS-AWS5533 Datasheet
219Kb / 12P
   0.5 to 2.5 GHz SP3T SWITCH
AWS5534 ANADIGICS-AWS5534 Datasheet
204Kb / 12P
   High Linearity SP3T
AWS5534S26 ANADIGICS-AWS5534S26 Datasheet
204Kb / 12P
   High Linearity SP3T
More results

Similar Description - AWS5532R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5522 ANADIGICS-AWS5522 Datasheet
193Kb / 12P
   0.5 to 2.5 GHz SPDT Switch
logo
Skyworks Solutions Inc.
SKY13290-313LF SKYWORKS-SKY13290-313LF Datasheet
220Kb / 6P
   PHEMT 10 W SPDT Switch 500 MHz-2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Renesas Technology Corp
PG2415TK RENESAS-PG2415TK Datasheet
238Kb / 14P
   0.5 to 6.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2415TK CEL-UPG2415TK Datasheet
543Kb / 11P
   0.5 to 6.0 GHz SPDT SWITCH
UPG2415TK CEL-UPG2415TK_09 Datasheet
543Kb / 11P
   0.5 to 6.0 GHz SPDT SWITCH
logo
ANADIGICS, Inc
AWS5533 ANADIGICS-AWS5533 Datasheet
219Kb / 12P
   0.5 to 2.5 GHz SP3T SWITCH
AWS5524 ANADIGICS-AWS5524 Datasheet
133Kb / 8P
   0.5 to 2.5 GHz SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com