Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWS5534S26 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AWS5534S26
Description  High Linearity SP3T
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5534S26 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AWS5534S26 Datasheet HTML 3Page - ANADIGICS, Inc AWS5534S26 Datasheet HTML 4Page - ANADIGICS, Inc AWS5534S26 Datasheet HTML 5Page - ANADIGICS, Inc AWS5534S26 Datasheet HTML 6Page - ANADIGICS, Inc AWS5534S26 Datasheet HTML 7Page - ANADIGICS, Inc AWS5534S26 Datasheet HTML 8Page - ANADIGICS, Inc AWS5534S26 Datasheet HTML 9Page - ANADIGICS, Inc AWS5534S26 Datasheet HTML 10Page - ANADIGICS, Inc AWS5534S26 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet - Rev 2.0
04/2004
AWS5534
7
PACKAGE OUTLINE
Figure 7: S26 Package Outline - 12 Pin 3mm x 3mm MLF


Similar Part No. - AWS5534S26

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5532R ANADIGICS-AWS5532R Datasheet
321Kb / 12P
   0.5 to 2.5 GHz 10 W SPDT Switch
AWS5532RS26Q1 ANADIGICS-AWS5532RS26Q1 Datasheet
321Kb / 12P
   0.5 to 2.5 GHz 10 W SPDT Switch
AWS5533 ANADIGICS-AWS5533 Datasheet
219Kb / 12P
   0.5 to 2.5 GHz SP3T SWITCH
More results

Similar Description - AWS5534S26

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS13PN10 INFINEON-BGS13PN10 Datasheet
2Mb / 15P
   SP3T high linearity, high power RF Switch
Revision 1.0 - 2016-09-27
logo
Skyworks Solutions Inc.
AS219-321 SKYWORKS-AS219-321 Datasheet
86Kb / 3P
   PHEMT GaAs IC High Linearity 3 V T/R SP3T Switch 0.1-2.5 GHz
AS219-321 SKYWORKS-AS219-321_07 Datasheet
270Kb / 4P
   PHEMT GaAs IC High-Linearity 3 V T/R SP3T Switch 0.1-2.5 GHz
AS219-000 SKYWORKS-AS219-000 Datasheet
326Kb / 5P
   PHEMT GaAs IC High Linearity 3 V T/R SP3T Switch 0.1-2.5 GHz
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
   High linearity
July 2015 Rev 1
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
   High linearity
logo
STMicroelectronics
STPTIC-15G2 STMICROELECTRONICS-STPTIC-15G2 Datasheet
473Kb / 11P
   High linearity
July 2015 Rev 2
STPTIC-27G2 STMICROELECTRONICS-STPTIC-27G2 Datasheet
472Kb / 11P
   High linearity
July 2015 Rev 1
logo
Analog Devices
ADL5723 AD-ADL5723 Datasheet
388Kb / 13P
   High linearity input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com