Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6108RM10P8 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6108RM10P8
Description  GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6108RM10P8 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6108RM10P8 Datasheet HTML 1Page - ANADIGICS, Inc AWT6108RM10P8 Datasheet HTML 2Page - ANADIGICS, Inc AWT6108RM10P8 Datasheet HTML 3Page - ANADIGICS, Inc AWT6108RM10P8 Datasheet HTML 4Page - ANADIGICS, Inc AWT6108RM10P8 Datasheet HTML 5Page - ANADIGICS, Inc AWT6108RM10P8 Datasheet HTML 6Page - ANADIGICS, Inc AWT6108RM10P8 Datasheet HTML 7Page - ANADIGICS, Inc AWT6108RM10P8 Datasheet HTML 8Page - ANADIGICS, Inc AWT6108RM10P8 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
01/2006
AWT6108R
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
T
T
A
B
)0
7
V
F
R
(
r
e
w
o
P
t
u
p
n
I
F
R
N
I
)0
1
1m
B
d
V
(
e
g
a
tl
o
V
l
o
rt
n
o
C
)
P
M
A
R
3
.
0
-8
.
1V
T
(
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
G
T
S
)5
5
-0
5
1C
°
Table 3: ESD Ratings
R
E
T
E
M
A
R
A
P
D
O
H
T
E
M
G
N
I
T
A
R
T
I
N
U
)
s
tr
o
P
F
R
(
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
D
S
EM
B
H0
5
2
>V
)
s
t
u
p
n
I
l
o
rt
n
o
C
(
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
D
S
EM
B
H5
.
2
>V
k
Although protection circuitry has been designed into this device, proper precautions
should be taken to avoid exposure to electronic discharge (ESD) during handling
and mounting. Human body model (HBM) employed is resistance = 1500
Ω,
capacitance = 100 pF.


Similar Part No. - AWT6108RM10P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6108 ANADIGICS-AWT6108 Datasheet
316Kb / 12P
   Quad Band Power Amplifier Module
AWT6108M10P8 ANADIGICS-AWT6108M10P8 Datasheet
316Kb / 12P
   Quad Band Power Amplifier Module
More results

Similar Description - AWT6108RM10P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6201 ANADIGICS-AWT6201 Datasheet
203Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
AWT6123 ANADIGICS-AWT6123 Datasheet
214Kb / 10P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier
logo
TriQuint Semiconductor
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4014 TRIQUINT-TQM7M4014 Datasheet
207Kb / 8P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com