Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6112RM7P8 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6112RM7P8
Description  Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6112RM7P8 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6112RM7P8 Datasheet HTML 1Page - ANADIGICS, Inc AWT6112RM7P8 Datasheet HTML 2Page - ANADIGICS, Inc AWT6112RM7P8 Datasheet HTML 3Page - ANADIGICS, Inc AWT6112RM7P8 Datasheet HTML 4Page - ANADIGICS, Inc AWT6112RM7P8 Datasheet HTML 5Page - ANADIGICS, Inc AWT6112RM7P8 Datasheet HTML 6Page - ANADIGICS, Inc AWT6112RM7P8 Datasheet HTML 7Page - ANADIGICS, Inc AWT6112RM7P8 Datasheet HTML 8Page - ANADIGICS, Inc AWT6112RM7P8 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
06/2005
AWT6112
Cellular Dual Mode AMPS/CDMA
3.4V/28dBm Linear Power Amplifier Module
PRELIMINARY DATA SHEET - Rev 1.6
M7 Package
10 Pin 4 mm x 4 mm x 1.5 mm
Surface Mount Module
FEATURES
InGaP HBT Technology
High Efficiency: 54% AMPS, 38% CDMA
Low Quiescent Current: 50 mA
Low Leakage Current in Shutdown Mode: <5
µA
Optimized for a 50
Ω System
Low Profile Surface Mount Package: 1.56mm Max
CDMA 1XRTT Compliant
CDMA 1xEV-DO Compliant
RoHS Compliant Package Option, 250 oC MSL-3
APPLICATIONS
Single Mode CDMA Wireless Handsets
Dual Mode AMPS/CDMA Wireless Handsets
PRODUCT DESCRIPTION
The AWT6112 is a high power, high efficiency
amplifier module for dual mode AMPS/CDMA
wireless handset applications. The device is
manufactured on an advanced InGaP HBT MMIC
technology offering state-of-the-art reliability,
temperature stability, and ruggedness. Selectable
bias modes that optimize efficiency for different
output power levels, and a shutdown mode with low
leakage current, serve to increase handset talk and
standby time. The self contained 4 mm x 4 mm x 1.5 mm
surface mount package incorporates matching
networks optimized for output power, efficiency and
linearity in a 50
Ω system.
Figure 1: Block Diagram
Bias Control
VCC
VREF
RFIN
RFOUT
GND
VMODE
1
7
5
8
10
6
GND at slug (pad)
3
9
4
2
GND
VCC
GND
GND


Similar Part No. - AWT6112RM7P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6111 ANADIGICS-AWT6111 Datasheet
79Kb / 4P
   CDMA/AMPS Power Amplifier
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
   KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
More results

Similar Description - AWT6112RM7P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6137 ANADIGICS-AWT6137 Datasheet
212Kb / 12P
   HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
   KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
   HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
   KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
   ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com