Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6131 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6131
Description  PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6131 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6131 Datasheet HTML 1Page - ANADIGICS, Inc AWT6131 Datasheet HTML 2Page - ANADIGICS, Inc AWT6131 Datasheet HTML 3Page - ANADIGICS, Inc AWT6131 Datasheet HTML 4Page - ANADIGICS, Inc AWT6131 Datasheet HTML 5Page - ANADIGICS, Inc AWT6131 Datasheet HTML 6Page - ANADIGICS, Inc AWT6131 Datasheet HTML 7Page - ANADIGICS, Inc AWT6131 Datasheet HTML 8Page - ANADIGICS, Inc AWT6131 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
11/2002
AWT6131
PCS/CDMA 3.5V/29dBm
Linear Power Amplifier Module
PRELIMINARY DATA SHEET - Rev 1.0
M7 Package
10 Pin 4mm x 4mm
Surface Mount Module
Figure 1: Block Diagram
Bias Control
VCC
VREF
RFIN
RFOUT
GND
VMODE
1
7
5
8
10
6
GND at slug (pad)
3
9
4
2
GND
VCC
GND
GND
bias modes that optimize efficiency for different output
power levels, and a shutdown mode with low leakage
current, increase handset talk and standby time. The
self-contained 4mm x 4mm surface mount package
incorporates matching networks optimized for output
power, efficiency, and linearity in a 50
Ω system.
FEATURES
InGaP HBT Technology
High Efficiency: 37%
Low Quiescent Current: 50 mA
Low Leakage Current in Shutdown Mode: <1
µA
Optimized for a 50
Ω System
Low Profile Miniature Surface Mount Package:
1.56mm Max
CDMA 1XRTT Compliant
CDMA 1xEV-DO Compliant
APPLICATIONS
PCS CDMA Wireless Handsets
Dual Band CDMA Wireless Handsets
Tri Mode CDMA Handsets with GPS
PRODUCT DESCRIPTION
The AWT6131 provides the additional output power
margin RF designers need to overcome additional
post-PA insertion loss in tri-mode handset designs
supporting E911 (GPS enabled). The device is
manufactured on an advanced InGaP HBT MMIC
technology offering state-of-the-art reliability,
temperature stability, and ruggedness. Selectable


Similar Part No. - AWT6131

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6132R ANADIGICS-AWT6132R Datasheet
418Kb / 8P
   415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6132RM5P8 ANADIGICS-AWT6132RM5P8 Datasheet
418Kb / 8P
   415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6132RM5P9 ANADIGICS-AWT6132RM5P9 Datasheet
418Kb / 8P
   415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
More results

Similar Description - AWT6131

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
   PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6109 ANADIGICS-AWT6109 Datasheet
275Kb / 16P
   KPCS CDMA 3.5V/28.5dBm Linear Power Amplifier Module
AWT6274 ANADIGICS-AWT6274 Datasheet
278Kb / 8P
   HELP PCS/WCDMA 3.4V/29dBm Linear Power Amplifier Module
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com