Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6131M7P8 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6131M7P8
Description  PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6131M7P8 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6131M7P8 Datasheet HTML 1Page - ANADIGICS, Inc AWT6131M7P8 Datasheet HTML 2Page - ANADIGICS, Inc AWT6131M7P8 Datasheet HTML 3Page - ANADIGICS, Inc AWT6131M7P8 Datasheet HTML 4Page - ANADIGICS, Inc AWT6131M7P8 Datasheet HTML 5Page - ANADIGICS, Inc AWT6131M7P8 Datasheet HTML 6Page - ANADIGICS, Inc AWT6131M7P8 Datasheet HTML 7Page - ANADIGICS, Inc AWT6131M7P8 Datasheet HTML 8Page - ANADIGICS, Inc AWT6131M7P8 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.0
11/2002
AWT6131
VCC
RFOUT
VREF
RFIN
VMODE
GND
1
GND
10
2
3
4
5
6
9
8
7
VCC
GND
GND
GND
GND
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1V C
C
e
g
a
tl
o
V
y
l
p
p
u
S
2F
R NI
t
u
p
n
I
F
R
3D
N
Gd
n
u
o
r
G
4V
E
D
O
M
e
g
a
tl
o
V
l
o
r
t
n
o
C
e
d
o
M
5V F
E
R
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
6D
N
Gd
n
u
o
r
G
7D
N
Gd
n
u
o
r
G
8F
R
T
U
O
t
u
p
t
u
O
F
R
9D
N
Gd
n
u
o
r
G
0
1V C
C
e
g
a
tl
o
V
y
l
p
p
u
S


Similar Part No. - AWT6131M7P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6132R ANADIGICS-AWT6132R Datasheet
418Kb / 8P
   415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6132RM5P8 ANADIGICS-AWT6132RM5P8 Datasheet
418Kb / 8P
   415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6132RM5P9 ANADIGICS-AWT6132RM5P9 Datasheet
418Kb / 8P
   415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
More results

Similar Description - AWT6131M7P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
   PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6109 ANADIGICS-AWT6109 Datasheet
275Kb / 16P
   KPCS CDMA 3.5V/28.5dBm Linear Power Amplifier Module
AWT6274 ANADIGICS-AWT6274 Datasheet
278Kb / 8P
   HELP PCS/WCDMA 3.4V/29dBm Linear Power Amplifier Module
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com