Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0910-182 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC0910-182
Description  ECM Flat Radial Coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC0910-182 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC0910-182 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0910-182 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0910-182 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ECM Flat Radial Coil
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
RDC
MAX
(
Ω)
IDC
IN
(A)
RC0910-1R0
1.0 @7.96MHz
K
40
0.015
7.00
RC0910-1R2
1.2 @7.96MHz
K
39
0.012
6.00
RC0910-1R5
1.5 @7.96MHz
K
33
0.014
5.00
RC0910-1R8
1.8 @7.96MHz
K
37
0.020
4.80
RC0910-2R2
2.2 @7.96MHz
K
38
0.025
4.40
RC0910-2R5
2.5 @7.96MHz
K
41
0.030
4.10
RC0910-2R7
2.7 @7.96MHz
K
43
0.028
4.00
RC0910-3R3
3.3 @7.96MHz
K
35
0.036
3.70
RC0910-3R9
3.9 @7.96MHz
K
37
0.050
3.40
RC0910-4R7
4.7 @7.96MHz
K
40
0.053
3.20
RC0910-5R0
5.0 @7.96MHz
K
35
0.080
2.90
RC0910-5R6
5.6 @7.96MHz
K
30
0.092
2.90
RC0910-6R8
6.8 @7.96MHz
K
40
0.113
2.60
RC0910-7R5
7.5 @7.96MHz
K
32
0.110
2.50
RC0910-8R2
8.2 @7.96MHz
K
44
0.116
2.20
RC0910-100
10 @2.52MHz
K
46
0.19
2.10
RC0910-120
12 @2.52MHz
K
55
0.14
2.00
RC0910-150
15 @2.52MHz
K
52
0.16
1.60
RC0910-180
18 @2.52MHz
K
46
0.18
1.50
RC0910-220
22 @2.52MHz
K
51
0.23
1.40
RC0910-250
25 @2.52MHz
K
50
0.50
1.30
RC0910-270
27 @2.52MHz
K
52
0.27
1.25
RC0910-330
33 @2.52MHz
K
47
0.37
1.20
RC0910-390
39 @2.52MHz
K
46
0.37
1.10
RC0910-470
47 @2.52MHz
K
48
0.51
1.05
RC0910-500
50 @2.52MHz
K
45
1.10
1.00
RC0910-560
56 @2.52MHz
K
40
0.68
0.95
RC0910-680
68 @2.52MHz
K
44
0.89
0.90
RC0910-750
75 @2.52MHz
K
41
1.18
0.86
RC0910-820
82 @2.52MHz
K
48
1.20
0.85
RC0910-101
100 @0.796MHz
K
53
1.50
0.70
RC0910-121
120 @0.796MHz
K
76
1.73
0.65
RC0910-151
150 @0.796MHz
K
77
1.85
0.60
RC0910-181
180 @0.796MHz
K
79
2.07
0.58
RC0910-221
220 @0.796MHz
K
68
2.19
0.49
RC0910-251
250 @0.796MHz
K
63
2.70
0.48
TOLERANCE; K=10%.
** = Test Frequency as specified in ‘L’ column


Similar Part No. - RC0910-182

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
RC0910-182 ECM-RC0910-182 Datasheet
66Kb / 3P
   Flat Radial Coil
More results

Similar Description - RC0910-182

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
RC0910 ECM-RC0910 Datasheet
66Kb / 3P
   Flat Radial Coil
logo
Allied Components Inter...
RFC20 ALLIED-RFC20 Datasheet
895Kb / 1P
   Radial Flat Coils
logo
Central Technologies
CTFCF CT-CTFCF Datasheet
205Kb / 1P
   Flat Coils - Radial
logo
Allied Components Inter...
RFC20-1R0K-RC ALLIED-RFC20-1R0K-RC Datasheet
894Kb / 1P
   Radial Flat Coils
logo
Superworld Electronics
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com