Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6274 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWT6274
Description  HELP PCS/WCDMA 3.4V/29dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6274 Datasheet(HTML) 6 Page - ANADIGICS, Inc

  AWT6274 Datasheet HTML 1Page - ANADIGICS, Inc AWT6274 Datasheet HTML 2Page - ANADIGICS, Inc AWT6274 Datasheet HTML 3Page - ANADIGICS, Inc AWT6274 Datasheet HTML 4Page - ANADIGICS, Inc AWT6274 Datasheet HTML 5Page - ANADIGICS, Inc AWT6274 Datasheet HTML 6Page - ANADIGICS, Inc AWT6274 Datasheet HTML 7Page - ANADIGICS, Inc AWT6274 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.8
10/2005
AWT6274
Figure 5: Branding Specification - M20 Package
Figure 4: M20 Package Outline - 10 Pin 4 mm x 4 mm x 1.1 mm Surface Mount Module
74R
74R


Similar Part No. - AWT6274

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6270 ANADIGICS-AWT6270 Datasheet
275Kb / 8P
   HELP 830-840 MHz WCDMA 3.4V/27dBm Linear Power Amplifier Module
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6271RM20P8 ANADIGICS-AWT6271RM20P8 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
   HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
More results

Similar Description - AWT6274

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6251 ANADIGICS-AWT6251 Datasheet
295Kb / 12P
   PCS/WCDMA 3.4V/27.5 dBm Linear Power Amplifier Module
AWT6270 ANADIGICS-AWT6270 Datasheet
275Kb / 8P
   HELP 830-840 MHz WCDMA 3.4V/27dBm Linear Power Amplifier Module
AWT6276R ANADIGICS-AWT6276R Datasheet
215Kb / 8P
   HELP PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6252 ANADIGICS-AWT6252 Datasheet
152Kb / 8P
   IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com