Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6314R Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWT6314R
Description  Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6314R Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button AWT6314R Datasheet HTML 2Page - ANADIGICS, Inc AWT6314R Datasheet HTML 3Page - ANADIGICS, Inc AWT6314R Datasheet HTML 4Page - ANADIGICS, Inc AWT6314R Datasheet HTML 5Page - ANADIGICS, Inc AWT6314R Datasheet HTML 6Page - ANADIGICS, Inc AWT6314R Datasheet HTML 7Page - ANADIGICS, Inc AWT6314R Datasheet HTML 8Page - ANADIGICS, Inc AWT6314R Datasheet HTML 9Page - ANADIGICS, Inc AWT6314R Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.2
05/2006
AWT6314R
Table 6: PCS Electrical Specifications
(TC = +25 °C, VCC = +3.4 V, VREF = +2.85 V, 50
Ω system)
Notes:
(1) ACPRs and efficiency limits at mid-band only.
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
n
i
a
G
5
.
4
2
4
2
3
2
5
.
6
2
0
.
6
2
5
.
5
2
9
2
8
2
5
.
7
2
B
d
P T
U
O
V
,
m
B
d
8
2
+
=
E
D
O
M
V
0
=
P T
U
O
V
,
m
B
d
8
2
+
=
E
D
O
M
V
5
8
.
2
+
=
P T
U
O
V
,
m
B
d
6
1
+
=
E
D
O
M
V
5
8
.
2
+
=
r
e
w
o
P
l
e
n
n
a
h
C
t
n
e
c
a
j
d
A
t
a+
t
e
s
f
f
o
z
H
M
5
2
.
1
z
H
M
3
2
.
1
-
W
B
l
e
n
n
a
h
C
y
r
a
m
i
r
P
z
H
k
0
3
=
W
B
l
e
n
n
a
h
C
t
n
e
c
a
j
d
A
-
-
-
9
4
-
0
5
-
4
5
-
5
.
6
4
-
7
4
-
7
4
-
c
B
d
P T
U
O
V
,
m
B
d
8
2
+
=
E
D
O
M
V
0
=
P T
U
O
V
,
m
B
d
8
2
+
=
E
D
O
M
V
5
8
.
2
+
=
P T
U
O
V
,
m
B
d
6
1
+
=
E
D
O
M
V
5
8
.
2
+
=
r
e
w
o
P
l
e
n
n
a
h
C
t
n
e
c
a
j
d
A
t
a+
t
e
s
f
f
o
z
H
M
5
2
.
2
z
H
M
3
2
.
1
-
W
B
l
e
n
n
a
h
C
y
r
a
m
i
r
P
z
H
k
0
3
=
W
B
l
e
n
n
a
h
C
t
n
e
c
a
j
d
A
-
-
-
2
6
-
1
6
-
7
6
-
7
5
-
7
5
-
7
5
-
c
B
d
P T
U
O
V
,
m
B
d
8
2
+
=
E
D
O
M
V
0
=
P T
U
O
V
,
m
B
d
8
2
+
=
E
D
O
M
V
5
8
.
2
+
=
P T
U
O
V
,
m
B
d
6
1
+
=
E
D
O
M
V
5
8
.
2
+
=
y
c
n
e
i
c
i
f
f
E
d
e
d
d
A
-
r
e
w
o
P
6
3
6
3
5
.
7
8
3
9
3
9
-
-
-
%
P T
U
O
V
,
m
B
d
8
2
+
=
E
D
O
M
V
0
=
P T
U
O
V
,
m
B
d
8
2
+
=
E
D
O
M
V
5
8
.
2
+
=
P T
U
O
V
,
m
B
d
6
1
+
=
E
D
O
M
V
5
8
.
2
+
=
)
q
c
I
(
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
-3
50
7A
mV
E
D
O
M
V
5
8
.
2
+
=
t
n
e
r
r
u
C
e
c
n
e
r
e
f
e
R-
3
.
24
A
mV
h
g
u
o
r
h
t
F
E
R
"
n
o
"
A
P
,
n
i
p
t
n
e
r
r
u
C
l
o
r
t
n
o
C
e
d
o
M-
6
.
00
.
1A
mV
h
g
u
o
r
h
t
E
D
O
M
V
,
n
i
p
E
D
O
M
V
5
8
.
2
+
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L-
1
<5
A
µ
V C
C
V
,
V
3
.
4
+
=
F
E
R
,
V
0
=
V
E
D
O
M
V
0
=
d
n
a
B
e
v
i
e
c
e
R
n
i
e
s
i
o
N-
3
3
1
-1
3
1
-z
H
/
m
B
dz
H
M
0
9
9
1
o
t
z
H
M
0
3
9
1
s
c
i
n
o
m
r
a
H
o
f
2
o
f
4
,
o
f
3
-
-
7
4
-
5
5
-
0
3
-
0
3
-
c
B
d
e
c
n
a
d
e
p
m
I
t
u
p
n
I-
-
1
:
2R
W
S
V
l
e
v
e
L
t
u
p
t
u
O
s
u
o
i
r
u
p
S
)
s
t
u
p
t
u
o
s
u
o
i
r
u
p
s
ll
a
(
--
5
6
-c
B
d
P T
U
O
<
m
B
d
8
2
+
1
:
5
<
R
W
S
V
d
a
o
l
d
n
a
b
-
n
I
1
:
0
1
<
R
W
S
V
d
a
o
l
d
n
a
b
-
f
o
-
t
u
O
s
e
g
n
a
r
g
n
i
t
a
r
e
p
o
ll
a
r
e
v
o
s
e
il
p
p
A
o
n
h
t
i
w
s
s
e
r
t
s
h
c
t
a
m
s
i
m
d
a
o
L
e
r
u
l
i
a
f
r
o
n
o
i
t
a
d
a
r
g
e
d
t
n
e
n
a
m
r
e
p
1
:
8-
-
R
W
S
Ve
g
n
a
r
g
n
i
t
a
r
e
p
o
ll
u
f
r
e
v
o
s
e
il
p
p
A


Similar Part No. - AWT6314R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6314R ANADIGICS-AWT6314R Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314RM23P9 ANADIGICS-AWT6314RM23P9 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314RM23Q7 ANADIGICS-AWT6314RM23Q7 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
More results

Similar Description - AWT6314R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
   Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6307R ANADIGICS-AWT6307R_08 Datasheet
384Kb / 8P
   HELP2TM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6331 ANADIGICS-AWT6331 Datasheet
398Kb / 8P
   ZeroICTM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6307R ANADIGICS-AWT6307R Datasheet
180Kb / 8P
   HELP Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Mod
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com