Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHP1237 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # CHP1237
Description  KPCS CDMA InGaP HBT Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

CHP1237 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  CHP1237 Datasheet HTML 1Page - ANADIGICS, Inc CHP1237 Datasheet HTML 2Page - ANADIGICS, Inc CHP1237 Datasheet HTML 3Page - ANADIGICS, Inc CHP1237 Datasheet HTML 4Page - ANADIGICS, Inc CHP1237 Datasheet HTML 5Page - ANADIGICS, Inc CHP1237 Datasheet HTML 6Page - ANADIGICS, Inc CHP1237 Datasheet HTML 7Page - ANADIGICS, Inc CHP1237 Datasheet HTML 8Page - ANADIGICS, Inc CHP1237 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.5
08/2004
CHP1237
5
PERFORMANCE DATA
-70.00
-65.00
-60.00
-55.00
-50.00
-45.00
-40.00
0.00
5.00
10.00
15.00
20.00
25.00
30.00
Pout (dBm)
+25C
-30C
+85C
Figure 2: ACP1_U vs Po
(V
= 3.4 V, V
= 3.0 V,
= 3.0 V, F = 1.765 GHz)
CC
REF1
VREF2
Figure 3: ACP2_U vs Po
(V
= 3.4 V, V
= 3.0 V,
= 3.0 V, F = 1.765 GHz)
CC
REF1
VREF2
-80.00
-75.00
-70.00
-65.00
-60.00
-55.00
-50.00
0.00
5.00
10.00
15.00
20.00
25.00
30.00
Pout (dBm)
+25C
-30C
+85C
Figure 4: PAE vs Po
(V
= 3.4 V, V
= 3.0 V,
= 3.0 V, F = 1.765 GHz)
CC
REF1
VREF2
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
15.00
17.00
19.00
21.00
23.00
25.00
27.00
29.00
Pout (dBm)
+25C
-30C
+85C


Similar Part No. - CHP1237

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHP1206 BOURNS-CHP1206 Datasheet
1Mb / 7P
   Ultra-High Power Chip Resistors
CHP1206A BOURNS-CHP1206A Datasheet
222Kb / 8P
   CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
CHP1206AFW-1002ELF BOURNS-CHP1206AFW-1002ELF Datasheet
222Kb / 8P
   CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
CHP1206AFX-1002ELF BOURNS-CHP1206AFX-1002ELF Datasheet
222Kb / 8P
   CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
CHP1206AJW-1002ELF BOURNS-CHP1206AJW-1002ELF Datasheet
222Kb / 8P
   CHP-A Series Ultra-High Power Chip Resistors
REV. 05/29/20
More results

Similar Description - CHP1237

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
   HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
RF Micro Devices
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
   KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
logo
Eudyna Devices Inc
P02221B2P EUDYNA-P02221B2P Datasheet
288Kb / 6P
   500mW InGaP HBT Amplifier
logo
ANADIGICS, Inc
AWT6109 ANADIGICS-AWT6109 Datasheet
275Kb / 16P
   KPCS CDMA 3.5V/28.5dBm Linear Power Amplifier Module
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
   KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
logo
Aeroflex Circuit Techno...
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
   1 Watt InGaP HBT Amplifier
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
   InGaP/GaAs HBT MMIC Amplifier
logo
Aeroflex Circuit Techno...
MMA709 AEROFLEX-MMA709 Datasheet
622Kb / 4P
   2 Watt InGaP HBT Amplifier
logo
SJM Prewell. All Rights...
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
   High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com