Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSP2023 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # RFSP2023
Description  2.4 GHz 802.11b/g WLAN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP2023 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  RFSP2023 Datasheet HTML 1Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 2Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 3Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 4Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 5Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 6Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 7Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 8Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
04/2005
1
2
3
4
13
14
15
16
12
11
10
9
8
7
6
5
GND
RF
OUT
GND
DETDC1
GND
RF IN
GND
VPC1
Output
Match
Input
Match
Power
Detector
Bias
Network
Bias Network
S28 Package
16 Pin 3 mm x 3 mm x 0.9 mm LPCC
Figure 1: Block Diagram and Pinout
RFS P2023
2.4 GHz 802.11b/g
WLAN Power Amplifier
Data Sheet - Rev 2.3
FEATURES
<3% EVM, 145 mA @ POUT = +19 dBm with
IEEE 802.11g Modulation at 54 Mbps
-38 dBc ACPR 1st Sidelobe at +23 dBm with
IEEE 802.11b Modulation at 11 Mbps
-54 dBc ACPR 2nd Sidelobe at +23 dBm with
IEEE 802.11b Modulation at 11 Mbps
No RF Matching Required
34 dB of Linear Power Gain
Temperature-Compensated Linear Power
Detector
APPLICATIONS
IEEE 802.11 b/g WLAN
2.4 GHz Cordless Phones
2.4 GHz ISM Equipment
PRODUCT DESCRIPTION
The RFS P2023 power amplifier is a high
performance InGaP HBT IC designed for transmit
applications in the 2.4-2.5 GHz band. The part is
matched at the input and output so no additional RF
matching components are required off-chip. The
PA exhibits unparalleled linearity and efficiency for
both 802.11g and 802.11b WLAN systems. The
power detector is temperature compensated on chip
enabling a single-ended output voltage. The part is
biased by a single +3.3 V supply.


Similar Part No. - RFSP2023

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
More results

Similar Description - RFSP2023

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
   2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
ANADIGICS, Inc
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com