Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2020R-TU Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA2020R-TU
Description  Stereo 2-W Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2020R-TU Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA2020R-TU Datasheet HTML 1Page - Anpec Electronics Coropration APA2020R-TU Datasheet HTML 2Page - Anpec Electronics Coropration APA2020R-TU Datasheet HTML 3Page - Anpec Electronics Coropration APA2020R-TU Datasheet HTML 4Page - Anpec Electronics Coropration APA2020R-TU Datasheet HTML 5Page - Anpec Electronics Coropration APA2020R-TU Datasheet HTML 6Page - Anpec Electronics Coropration APA2020R-TU Datasheet HTML 7Page - Anpec Electronics Coropration APA2020R-TU Datasheet HTML 8Page - Anpec Electronics Coropration APA2020R-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Nov., 2002
APA2020
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
AC Operating Characteristics , V
DD= 3.3V , TA= 25°C , RL= 4Ω (unless otherwise noted)
APA2020
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PSRR
Power supply ripple rejection
f =100 Hz
70
dB
Mute attenuation
85
dB
Channel-to-channel output
separation
f =1 KHz
85
dB
Line HP input separation
75
dB
BTL attenuation in SE mode
80
dB
ZI
Input impedance
2MW
Signal-to-noise ratio
Po = 500 mW , BTL
90
dB
Vn
Output noise voltage
50
ìV(
rms)
Notes 2 : Output power is meaured at the output teminals of the IC at 1 KHz.
DC Electrical Characteristic , T
A=25 °C
APA2020
Symbol
Parameter
Test Conditions
Typ.
Max.
Unit
Stereo BTL
8
11
mA
V
DD
= 5V
Stereo SE
4
6.5
mA
Stereo BTL
7
9
mA
I
DD
Supply Current
V
DD
= 3.3 V
Stereo SE
3.5
5.6
mA
V
O (DIFF)
DC Differential Output
Voltage
V
DD =5V, Gain = 2, see Note3
5
25
mV
I
DD(MUTE)
Supply Current in Mute Mode V
DD
= 5V
8
11
mA
I
SD
I
DD in Shutdown
V
DD
= 5V
0.5
5
µA
Note 3 : at 3V<V
DD<5V , the DC output voltage is approximately VDD / 2.


Similar Part No. - APA2020R-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TR ANPEC-APA2020AKI-TR Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TU ANPEC-APA2020AKI-TU Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TY ANPEC-APA2020AKI-TY Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020ARI-TR ANPEC-APA2020ARI-TR Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results

Similar Description - APA2020R-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com