Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2065J-TU Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA2065J-TU
Description  Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2065J-TU Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA2065J-TU Datasheet HTML 1Page - Anpec Electronics Coropration APA2065J-TU Datasheet HTML 2Page - Anpec Electronics Coropration APA2065J-TU Datasheet HTML 3Page - Anpec Electronics Coropration APA2065J-TU Datasheet HTML 4Page - Anpec Electronics Coropration APA2065J-TU Datasheet HTML 5Page - Anpec Electronics Coropration APA2065J-TU Datasheet HTML 6Page - Anpec Electronics Coropration APA2065J-TU Datasheet HTML 7Page - Anpec Electronics Coropration APA2065J-TU Datasheet HTML 8Page - Anpec Electronics Coropration APA2065J-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APA2065
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
Features
Low Operating Current with 14mA
Improved Depop Circuitry to Eliminate
Turn-on and Turn-off Transients in Outputs
High PSRR
32 Steps Volume Adjustable by DC Voltage
with Hysteresis
2W per Channel Output Power into 4
Ω Load
at 5V, BTL Mode
Two Output Modes Allowable with BTL
and SE Modes Selected by SE/BTL pin
Low Current Consumption in Shutdown Mode
(50
µA)
Short Circuit Protection
Power Off Depop Circuit Integration
PDIP-16 & SOP-16 Packages Available
Lead Free Available (RoHS Compliant)
Applications
General Description
APA2065 is a monolithic integrated circuit, which
provides precise DC volume control, and a stereo
bridged audio power amplifiers capable of producing
2.7W(2.0W) into 3
Ω with less than10%(1.0%) THD+N.
The attenuator range of the volume control in APA2065
is from 20dB (DC_Vol=0V) to -80dB (DC_Vol=3.54V)
with 32 steps. The advantage of internal gain setting
can be less components and PCB area. Both of the
depop circuitry and the thermal shutdown protection
circuitry are integrated in APA2065, that reduce pops
and clicks noise during power up or shutdown mode
operation. It also improves the power off pop noise
and protects the chip from being destroyed by over
temperature and short current failure. To simplify the
audio system design, APA2065 combines a stereo
bridge-tied loads (BTL) mode for speaker drive and a
stereo single-end (SE) mode for headphone drive into
a single chip, where both modes are easily switched
by the SE/BTL input control pin signal.
NoteBook PC
LCD Monitor or TV


Similar Part No. - APA2065J-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2060QBI-TRG ANPEC-APA2060QBI-TRG Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2061QBI-TRG ANPEC-APA2061QBI-TRG Datasheet
595Kb / 29P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2065J-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com