Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC558OC-TR Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APC558OC-TR
Description  Dual Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APC558OC-TR Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APC558OC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APC558OC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APC558OC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APC558OC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APC558OC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APC558OC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APC558OC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APC558OC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APC558OC-TR Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.4 - July., 2002
APC558
www.anpec.com.tw
10
Carrier Tape & Reel Dimensions
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Reliability Test Program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245
°C, 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @125
°C
PCT
JESD-22-B,A102
168 Hrs, 100
%RH, 121°C
TST
MIL-STD-883D-1011.9
-65
°C~150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms, 1tr > 100mA


Similar Part No. - APC558OC-TR

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC5568-3V BEL-APC5568-3V Datasheet
113Kb / 2P
   ISDN S Interface Hybrid
APC5568-3V-F BEL-APC5568-3V-F Datasheet
127Kb / 2P
   ISDN S Interface Hybrid
APC5568-5V BEL-APC5568-5V Datasheet
109Kb / 2P
   ISDN S Interface Hybrid
APC5568DS-3V BEL-APC5568DS-3V Datasheet
87Kb / 2P
   SMD ISDN S Interface Hybrid
APC5568DS-3V-F BEL-APC5568DS-3V-F Datasheet
120Kb / 2P
   SMD ISDN S Interface Hybrid
More results

Similar Description - APC558OC-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com