Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2020KI-TY Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APA2020KI-TY
Description  Stereo 2-W Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2020KI-TY Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APA2020KI-TY Datasheet HTML 6Page - Anpec Electronics Coropration APA2020KI-TY Datasheet HTML 7Page - Anpec Electronics Coropration APA2020KI-TY Datasheet HTML 8Page - Anpec Electronics Coropration APA2020KI-TY Datasheet HTML 9Page - Anpec Electronics Coropration APA2020KI-TY Datasheet HTML 10Page - Anpec Electronics Coropration APA2020KI-TY Datasheet HTML 11Page - Anpec Electronics Coropration APA2020KI-TY Datasheet HTML 12Page - Anpec Electronics Coropration APA2020KI-TY Datasheet HTML 13Page - Anpec Electronics Coropration APA2020KI-TY Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Nov., 2002
APA2020
www.anpec.com.tw
10
f - Frequency
Figure 13
Typical Characteristics (Cont.)
%
Hz
20
20k
50 100 200
500 1k
2k
5k
0.06
10
0.1
0.2
0.5
1
2
5
P
O =0.1W
P
O =0.75W, R L =3 Ω
P
O =0.35W
P
O =0.7W
100m
10
200m
500m
1
2
5
W
0.06
10
0.1
0.2
0.5
1
2
5
%
f=20KHz
f=20Hz
f=1KHz
Po - Output Power
Figure 14
f - Frequency
Figure 15
V
DD=3.3V
A
V=2
R
L=4Ω
BTL
V
DD=3.3V
A
V=2
R
L=3Ω
BTL
f - Frequency
Figure 12
20
20k
50 100 200
500 1k
2k
5k
%
0.06
10
0.1
0.2
0.5
1
2
5
P
O =0.7W, R L =3 Ω
A
V =20
A
V =10
A
V =2
A
V =2
Hz
V
DD=3.3V
P
O=0.65W
R
L=4Ω
BTL
%
20
20k
50 100 200
500 1k
2k
5k
Hz
0.06
10
0.1
0.2
0.5
1
2
5
A
V =20
A
V =10
A
V =2
V
DD=3.3V
P
O=0.4W
R
L=8Ω
BTL


Similar Part No. - APA2020KI-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TR ANPEC-APA2020AKI-TR Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TU ANPEC-APA2020AKI-TU Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020AKI-TY ANPEC-APA2020AKI-TY Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020ARI-TR ANPEC-APA2020ARI-TR Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results

Similar Description - APA2020KI-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com