Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1541-33KC-TR Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL1541-33KC-TR
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1541-33KC-TR Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL1541-33KC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL1541-33KC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL1541-33KC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL1541-33KC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL1541-33KC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL1541-33KC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APL1541-33KC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APL1541-33KC-TR Datasheet HTML 11Page - Anpec Electronics Coropration APL1541-33KC-TR Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - Oct., 2003
APL1541
www.anpec.com.tw
8
Application Information
Output Voltage
The APL1541 develops a 1.25V reference voltage be-
tween the output and the adjust terminal. By placing
a resistor between these two terminals, a constant
Current is caused to flow through R1 and down through
R2 to set the overall output voltage. Normally this
current is chosen to be the specified minimum load
current of 10mA. For fixed voltage devices R1 and R2
are included in the device.
V
IN
APL1541
OUT
IN
ADJ
VREF
R1
R2
V
OUT
IADJ
60
µA
Figure 1. Basic Adjustable Regulator
V OUT = V REF(1+
)+IADJR2
R2
R1
Load Regulation
When the adjustable regulator is used. Load regula-
tion will be limited by the resistance of the wire con-
necting the regulator to the load. The data sheet speci-
fication for load regulation is measured at the output
pin of the device. Best load regulation is obtained
when the top of the resistor divider (R1) is tied directly
to the output pin of the device, not to the load. For
fixed voltage devices the top of R1 is internally con-
nected to the output, and the ground pin can be con-
nected to low side of the load. If R1 were connected
to the load, RP is multiplied by the divider ratio, the
effective resistance between the regulator and the load
would be:
Rp X (1+
), Rp = Parasitic Line Resistance
R2
R1
V
IN
A P L1541
OU T
IN
AD J
R1
R2
Rp
P A R A S IT IC
L INE RE S IS T A N C E
CO NN E C T
R 1 T O C ASE
CO NN E C T
R2 T O L O A D
R L
Figure 2. Connections for Best Load Regulation
Input Capacitor
An input capacitor of 10
µF or greater is recommended.
Tantalum, or aluminum electrolytic capacitors can be
used for bypassing. Larger Values will improve ripple
rejection by bypassing the input to the regulator.
Output Capacitor
The APL1541 requires an output capacitor to main-
tain stability and improve transient response. Proper
capacitor selection is important to ensure proper
operation. The APL1541 output capacitor selection
is dependent upon the ESR (equivalent series
resistance) of the output capacitor to maintain stability.
When the output capacitor is 10uF or greater, the out-
put capacitor should have an ESR less than 1
Ω.This
will improve transient response as well as promote
stability. A low-ESR solid tantalum capacitor works
extremely well and provides good transient response
and stability over temperature.


Similar Part No. - APL1541-33KC-TR

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL1545 ASB-APL1545 Datasheet
139Kb / 1P
   PLL Module
March 2004
APL1545 ASB-APL1545_13 Datasheet
118Kb / 2P
   PLL Synthesizer Module
June 2010
More results

Similar Description - APL1541-33KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
   1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com