Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1431LBBC-TB Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL1431LBBC-TB
Description  Low Voltage Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1431LBBC-TB Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL1431LBBC-TB Datasheet HTML 1Page - Anpec Electronics Coropration APL1431LBBC-TB Datasheet HTML 2Page - Anpec Electronics Coropration APL1431LBBC-TB Datasheet HTML 3Page - Anpec Electronics Coropration APL1431LBBC-TB Datasheet HTML 4Page - Anpec Electronics Coropration APL1431LBBC-TB Datasheet HTML 5Page - Anpec Electronics Coropration APL1431LBBC-TB Datasheet HTML 6Page - Anpec Electronics Coropration APL1431LBBC-TB Datasheet HTML 7Page - Anpec Electronics Coropration APL1431LBBC-TB Datasheet HTML 8Page - Anpec Electronics Coropration APL1431LBBC-TB Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.4 - May., 2003
APL1431L
www.anpec.com.tw
4
Notes for Application Circuits:
1)
To improve the stability of output voltage , a 0.1
µF capacitor between cathode and anode of APL431L
is strongly recommended.
2)
Set V
O according to the following equation:
V
O= VREF (1+R1/ R2)+ IREF R1
3)
Choose the value for R
B as follows:
The maximum limit for R
B should be such that the cathode current( IK) is greater than the minimum
operating current (60
µA) at V
IN (MIN) .
The minimum limit for R
B should be such that the cathode current (IK) does not exceed 100mA under
all load conditions, and the instantaneous turn-on value for I
K does not exceed 150mA . Both of the
following conditions must be met :
R
B,MIN ≥ VIN(MAX) / 150mA ( to limit instantaneous turn-on IK)
R
B,MIN ≥ VIN(MAX) - VO / IO (MIN) + 100mA
(to limit I
K under normal operating conditions)
Application Schematic
Precision Voltage Reference
Precision Voltage Regulator
V
O
V
IN
APL431L
R
B
R
1
R
2
GND
V
REF
0.1
µF
V
O
V
IN
APL431L
R
B
R
1
R
2
V
REF
0.1
µF


Similar Part No. - APL1431LBBC-TB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
APL1431A ANPEC-APL1431A Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
APL1431AAC-PB ANPEC-APL1431AAC-PB Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
APL1431AAC-TB ANPEC-APL1431AAC-TB Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
APL1431AAC-TR ANPEC-APL1431AAC-TR Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
More results

Similar Description - APL1431LBBC-TB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com