Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5158-12BC-TRL Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5158-12BC-TRL
Description  150mA CMOS Low Dropout Regulator With Power OK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5158-12BC-TRL Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5158-12BC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL5158-12BC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL5158-12BC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL5158-12BC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5158-12BC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5158-12BC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5158-12BC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5158-12BC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5158-12BC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.5 - Aug., 2004
APL5158
www.anpec.com.tw
7
0
50
100
150
200
01
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
23
456
Typical Characteristics
EN Threshold Voltage vs. lnput Voltage
lnput Voltage (V)
Time (20us/div)
Time (20us / div)
Line Transient Response
High Thershold
Low Thershold
VIN = 3.3V
VOUT(10mV/div)
IOUT = 0.1mA to 150mA
(10mA /
µs)
VIN = 3V to 4V
VOUT (20 mV/div)
Load Transient Response
IOUT =0mA
Ground Pin Current vs. Input Voltage
Input Voltage (V)


Similar Part No. - APL5158-12BC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-13B ANPEC-APL5151-13B Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-14B ANPEC-APL5151-14B Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-15B ANPEC-APL5151-15B Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5151-16B ANPEC-APL5151-16B Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
More results

Similar Description - APL5158-12BC-TRL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
MAX8885 MAXIM-MAX8885 Datasheet
179Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316_11 Datasheet
434Kb / 16P
   Low Dropout 300mA Linear Regulator With Power-Ok Indicator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com