Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1117R-50VC-TUL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL1117R-50VC-TUL
Description  1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1117R-50VC-TUL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL1117R-50VC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APL1117R-50VC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APL1117R-50VC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APL1117R-50VC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APL1117R-50VC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APL1117R-50VC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APL1117R-50VC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APL1117R-50VC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APL1117R-50VC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Jun., 2003
APL1117D/R
www.anpec.com.tw
5
1
1.02
1.04
1.06
1.08
1.1
1.12
4
5
6
7
8
9
10
11
12
13
Typical Characteristics
Output Voltage vs. Input Voltage
Dropout Voltage vs. Output Current
Output Current (A)
Iutput Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
01
23
45
67
8
9
0
1
2
3
4
5
6
02
4
6
8
1 0
Current Limit vs. Input Voltage
Input Voltage (V)
Input Current vs. Input Voltage
Input Voltage (V)
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
0
0.2
0.4
0.6
0.8
1
Vout=3.3V
Vout=3.3V
Vout=3.3V
Vout=3.3V


Similar Part No. - APL1117R-50VC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL1117R-50VC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
   1A Low Dropout, Fast Response Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com