Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5913-KAC-TUL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5913-KAC-TUL
Description  0.8V Reference Ultra Low Dropout (0.25V@3A) Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5913-KAC-TUL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5913-KAC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APL5913-KAC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APL5913-KAC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APL5913-KAC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APL5913-KAC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APL5913-KAC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APL5913-KAC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APL5913-KAC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APL5913-KAC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - May., 2005
APL5913
www.anpec.com.tw
4
Absolute Maximum Ratings
Thermal Characteristics
Recommended Operating Conditions
Symbol
Parameter
Rating
Unit
VCNTL
VCNTL Supply Voltage (VCNTL to GND)
-0.3 ~ 7
V
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 3.3
V
VI/O
EN and FB to GND
-0.3 ~ VCNTL+0.3
V
VPOK
POK to GND
-0.3 ~ 7
V
PD
Average Power Dissipation
3
W
PPEAK
Peak Power Dissipation (<20mS)
20
W
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Soldering Temperature, 10 Seconds
300
oC
VESD
Minimum ESD Rating (Human Body Mode)
±2
kV
Symbol
Parameter
Value
Unit
θJA
Junction-to-Ambient Thermal Resistance in Free Air (Note)
40
oC/W
Note :
θJA is measured with the component mounted on a high effective thermal conductivity test
board in free air. The exposed pad of SOP-8-P is soldered directly on the PCB.
Symbol
Parameter
Range
Unit
VCNTL
VCNTL Supply Voltage
3.1 ~ 6
V
VIN
VIN Supply Voltage
1.1 ~ 3.3
V
VOUT
Output Voltage
VCNTL=3.3
±5%
VCNTL=5.0
±5%
0.8 ~ 1.2
0.8 ~ VIN-0.2
V
IOUT
VOUT Output Current
0 ~ 4
A
TJ
Junction Temperature
-25 ~ 125
oC
Electrical Characteristics
APL5913
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SUPPLY CURRENT
ICNTL
VCNTL Nominal Supply Current
EN = VCNTL
0.4
1
8
mA
ISD
VCNTL Shuntdown Current
EN = GND
180
300
µA
Refer to the typical application circuit. These specifications apply over, VCNTL = 5V, VIN = 1.5V, VOUT = 1.2V and TA = 0
to 70
°C, unless otherwise specified. Typical values refer to TA = 25°C.


Similar Part No. - APL5913-KAC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910 ANPEC-APL5910 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRL ANPEC-APL5910KAI-TRL Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results

Similar Description - APL5913-KAC-TUL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LADLD30 UTC-LADLD30 Datasheet
220Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70 Datasheet
230Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD15 UTC-LXXLD15_14 Datasheet
233Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD50 UTC-LXXLD50_16 Datasheet
347Kb / 11P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD20 UTC-LXXLD20 Datasheet
250Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD20 UTC-LADLD20 Datasheet
254Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD10 UTC-LXXLD10 Datasheet
250Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD10 UTC-LADLD10 Datasheet
252Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD30 UTC-LXXLD30_16 Datasheet
250Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70_V01 Datasheet
267Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com