Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5151-18B Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5151-18B
Description  Low IQ, Low Dropout 150mA Fixed Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5151-18B Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5151-18B Datasheet HTML 7Page - Anpec Electronics Coropration APL5151-18B Datasheet HTML 8Page - Anpec Electronics Coropration APL5151-18B Datasheet HTML 9Page - Anpec Electronics Coropration APL5151-18B Datasheet HTML 10Page - Anpec Electronics Coropration APL5151-18B Datasheet HTML 11Page - Anpec Electronics Coropration APL5151-18B Datasheet HTML 12Page - Anpec Electronics Coropration APL5151-18B Datasheet HTML 13Page - Anpec Electronics Coropration APL5151-18B Datasheet HTML 14Page - Anpec Electronics Coropration APL5151-18B Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - May., 2005
APL5151/2/3/4
www.anpec.com.tw
11
The minimum input-output voltage difference (dropout)
determines the lowest usable supply voltage. In bat-
tery-powered systems, this will determine the useful
end-of-life battery voltage. Because the APL5151/2/
3/4 use a p-channel MOSFET pass transistor, the drop-
out voltage is a function of drain-to-source on-resis-
tance (R
DS(ON)) multiplied by the load current.
The APL5151/2/3/4 load-transient response graphs in
typical characteristics show the transient response.
A step change in the load current from 1mA to 50mA
at 1us will cause a 60mV transient spike. Larger out-
put capacitor and lower ESR can reduce transient
spike.
Application Information
Capacitor Selection and Regulator
Stability
The APL5151/2/3/4 use at least a 1uF capacitor on
the input, and this capacitor can be Aluminum, Tanta-
lum or Ceramic capacitor. The input capacitor with
larger value and lower ESR provides better PSRR and
line-transient response. The output capacitor also can
use Aluminum, Tantalum or Ceramic capacitor, and a
minimum value of 1uF and ESR above 0.06
Ω is
recommended. The curve of the stable region in typi-
cal characteristics shows the appropriate output ca-
pacitor ESR for different load current stable operation.
A larger output capacitor can reduce noise and im-
prove load-transient response, stability, and PSRR.
Note that some ceramic dielectrics exhibit large ca-
pacitance and ESR variation with temperature. When
using this capacitor, a minimum 2.2uF or more may
be required to ensure the stability at low temperature
operation. Use a bypass capacitor at BP pin for low
output nvise. Increasing the capacitance will slightly
decrease the output noise, but increase the start-up
time. (See Shutdown Exit Delay and Output Noise
v s. B y pass Capac i t or gr a ph i n t he t y p i c al
characteristics)
Load-Transient Considerations
Input-Output (Dropout)Voltage
Reverse Current Protection
The APL5151/2/3/4 have an internal reverse protection,
it does not need an external schottky diode to con-
nect the regulator input and output. If the output volt-
age is forced above the input voltage by more than
11mV, the IC will be shutdown and the ground pin
current is below 0.1uA.
Current Limit
The APL5151/2/3/4 have a current limit protection. The
ouptut voltage will drop close to zero volt, when load
current reaches the limit, and then the load current
will be limited at 50mA after output voltage is below 0.
7V. When the load current back to the value where
limiting started, the output voltage and current will re-
turn to normal value. When output is shorted to
ground, the APL5151/2/3/4 will keep short circuit cur-
rent at 150mA .


Similar Part No. - APL5151-18B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results

Similar Description - APL5151-18B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com