Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1087R-33DC-TRL Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL1087R-33DC-TRL
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1087R-33DC-TRL Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL1087R-33DC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL1087R-33DC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL1087R-33DC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL1087R-33DC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL1087R-33DC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL1087R-33DC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL1087R-33DC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL1087R-33DC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL1087R-33DC-TRL Datasheet HTML 12Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - Apr., 2003
APL1087R
www.anpec.com.tw
10
Physical Specifications
10
t 25 C to P ea k
tp
Ram p-up
t
L
Ram p-do w n
ts
P reheat
Tsm ax
Tsm in
T
L
T
P
25
Tim e
C ritical Z one
T
L
to T
P
°
Reflow Condition (IR/Convection or VPR Reflow)
Classificatin Reflow Profiles
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Profile Feature
Large Body
Small Body
Large Body
Small Body
Average ramp-up rate
(TL to TP)
3
°C/second max.
3
°C/second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Mix (Tsmax)
- Time (min to max)(ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Tsmax to TL
- Ramp-up Rate
3
°C/second max
Tsmax to TL
- Temperature(TL)
- Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(Tp)
225 +0/-5
°C
240 +0/-5
°C
245 +0/-5
°C
250 +0/-5
°C
Time within 5
°C of actual Peak
Temperature(tp)
10-30 seconds
10-30 seconds
10-30 seconds
20-40 seconds
Ramp-down Rate
6
°C/second max.
6
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package. Measured on the body surface.
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.


Similar Part No. - APL1087R-33DC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1087-18DC-TR ANPEC-APL1087-18DC-TR Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TRL ANPEC-APL1087-18DC-TRL Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TU ANPEC-APL1087-18DC-TU Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
More results

Similar Description - APL1087R-33DC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com