Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5102-23AI Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5102-23AI
Description  150mA, 4uA Quiescent Current Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5102-23AI Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5102-23AI Datasheet HTML 7Page - Anpec Electronics Coropration APL5102-23AI Datasheet HTML 8Page - Anpec Electronics Coropration APL5102-23AI Datasheet HTML 9Page - Anpec Electronics Coropration APL5102-23AI Datasheet HTML 10Page - Anpec Electronics Coropration APL5102-23AI Datasheet HTML 11Page - Anpec Electronics Coropration APL5102-23AI Datasheet HTML 12Page - Anpec Electronics Coropration APL5102-23AI Datasheet HTML 13Page - Anpec Electronics Coropration APL5102-23AI Datasheet HTML 14Page - Anpec Electronics Coropration APL5102-23AI Datasheet HTML 15Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2005
APL5101/2
www.anpec.com.tw
11
Packaging Information
SOT-23-5
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
0.95
1.45
0.037
0.057
A1
0.05
0.15
0.002
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.55
0.0138
0.0217
D
2.8
3.00
0.110
0.118
E
2.6
3.00
0.102
0.118
E1
1.5
1.70
0.059
0.067
e
0.95
0.037
e1
1.90
0.075
L
0.35
0.55
0.014
0.022
L1
0.20 BSC
0.008 BSC
L2
0.5
0.7
0.020
0.028
a
0
°
10
°
0
°
10
°
e1
E1
E
b
1
2
3
4
5
e
D
A2
A
A1
L 2
L
L 1
a


Similar Part No. - APL5102-23AI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5102-23A ANPEC-APL5102-23A Datasheet
265Kb / 18P
   150mA, 4mA Quiescent Current Regulator
More results

Similar Description - APL5102-23AI

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101_13 Datasheet
265Kb / 18P
   150mA, 4mA Quiescent Current Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
   24V, 150mA, Low Quiescent Current Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com