Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM1402SC-TR Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APM1402SC-TR
Description  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM1402SC-TR Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APM1402SC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM1402SC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM1402SC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM1402SC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM1402SC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM1402SC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM1402SC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM1402SC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APM1402SC-TR Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.2 - Mar., 2005
www.anpec.com.tw
8
APM1402S
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
t 25 C to P e ak
tp
Ram p-u p
t
L
Ram p-d ow n
ts
P rehea t
Tsm ax
Tsm in
T
L
T
P
25
Tim e
C ritical Z one
T
L
to T
P
°
Reflow Condition (IR/Convection or VPR Reflow)
Classificatin Reflow Profiles
Physical Specifications
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Profile Feature
Large Body
Small Body
Large Body
Small Body
Average ramp-up rate
(TL to TP)
3
°C/second max.
3
°C/second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Mix (Tsmax)
- Time (min to max)(ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Tsmax to TL
- Ramp-up Rate
3
°C/second max
Tsmax to TL
- Temperature(TL)
- Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(Tp)
225 +0/-5
°C
240 +0/-5
°C
245 +0/-5
°C
250 +0/-5
°C
Time within 5
°C of actual Peak
Temperature(tp)
10-30 seconds
10-30 seconds
10-30 seconds
20-40 seconds
Ramp-down Rate
6
°C/second max.
6
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package. Measured on the body surface.


Similar Part No. - APM1402SC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM1401S ANPEC-APM1401S Datasheet
112Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM1401SC-TR ANPEC-APM1401SC-TR Datasheet
112Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM1401SC-TRL ANPEC-APM1401SC-TRL Datasheet
112Kb / 10P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM1403ASC-TRL VBSEMI-APM1403ASC-TRL Datasheet
1,023Kb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM1403S ANPEC-APM1403S Datasheet
109Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM1402SC-TR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com