Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1087-18DC-TUL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL1087-18DC-TUL
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1087-18DC-TUL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL1087-18DC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APL1087-18DC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APL1087-18DC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APL1087-18DC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APL1087-18DC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APL1087-18DC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APL1087-18DC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APL1087-18DC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APL1087-18DC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Mar., 2004
APL1087
www.anpec.com.tw
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-30
-25
-20
-15
-10
-5
0
5
10
Typical Characteristics
Load Transient Response
Time (
µs)
Line Transient Response
Time (
µs)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-20
-10
0
10
20
30
40
50
0
1
2
3
4
5
6
7
Adjust Pin Current vs. Temperature
-50
0
5 0
100
150
55
56
57
58
59
60
61
62
Current Limit vs. Temperature
-50
0
5 0
100
150
760
780
800
820
840
860
880
900
920
940
V IN=5V
Temperature (
°C)
Temperature(
°C)
V
OUT=1.25V
V
OUT=3.3V
V
IN
I
OUT


Similar Part No. - APL1087-18DC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
Advanced Semiconductor ...
APL1087.5 ASB-APL1087.5 Datasheet
84Kb / 1P
   PLL Module
June 2008
logo
Anpec Electronics Corop...
APL108718DC-TBG ANPEC-APL108718DC-TBG Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL108718DC-TRG ANPEC-APL108718DC-TRG Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL108718EC-TBG ANPEC-APL108718EC-TBG Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
More results

Similar Description - APL1087-18DC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com