Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5501-19BC Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5501-19BC
Description  Low IQ, Low Dropout 500mA Fixed Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5501-19BC Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5501-19BC Datasheet HTML 1Page - Anpec Electronics Coropration APL5501-19BC Datasheet HTML 2Page - Anpec Electronics Coropration APL5501-19BC Datasheet HTML 3Page - Anpec Electronics Coropration APL5501-19BC Datasheet HTML 4Page - Anpec Electronics Coropration APL5501-19BC Datasheet HTML 5Page - Anpec Electronics Coropration APL5501-19BC Datasheet HTML 6Page - Anpec Electronics Coropration APL5501-19BC Datasheet HTML 7Page - Anpec Electronics Coropration APL5501-19BC Datasheet HTML 8Page - Anpec Electronics Coropration APL5501-19BC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5501/2/3
www.anpec.com.tw
4
Electrical Characteristics
Unless otherwise noted these specifications apply over full temperature, VIN=3.6V, CIN=1
µF, COUT=4.7µF,
SHDN=VIN, T
J=0 to 125°C. Typical values refer to T
J
=25
°C.
Symbol
APL5501/2/3
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
ILIMIT
Circuit Current Limit
VIN=4.3V
0.7
A
ISHORT
Short Current
VOUT=0V
200
mA
IOUT
Load Current
500
mA
REGLINE Line Regulation
VOUT+0.5V< VCC<6.0V, IOUT = 1mA
4
10
mV
REGLOAD Load Regulation
VIN =VOUT+1.0V, 0mA< IOUT < IMAX
515X
1
0.1
6
mV
%
1.3V
≤VOUT<1.5V
1100
1300
mV
1.5V
≤VOUT<2V
900
1050
2V
≤VOUT<2.5V
500
700
VDROP
Dropout Voltage
(Note2)
IOUT =500mA
2.5V
≤VOUT<3.4V
280
380
PSRR
Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = VOUT+1.0V
C
=10nf
55
65
dB
No load
50
100
µA
IQ
Quiescent Current
IOUT=500mA
370
450
Shutdown Supply
Current
(Note3)
Shutdown = low
IOUT=0, VCC =6.0V
0.01
1
µA
100Hz<f<100kHz, typical load,
CBP=0.01
µF, COUT = 1µF
50
µVrms
Noise
(Note3)
100Hz<f<100kHz, typical load,
CBP=0.1
µF, COUT = 1µF
40
CBP=0.01
µF,C
OUT=1
µF, no load
7
ms
Shutdown Recovery
Delay
(Note3)
CBP=0.1
µF,C
OUT=1
µF, no load
70
OTS
Over Temperature
Shutdown
150
°C
Over Temperature
Shutdown Hysteresis
Hysteries
10
°C
TC
Output Voltage
Temperature
Coefficient
50
ppm/
°C
COUT
Output Capacitor
4.2
4.7
5.2
µF
ESR
0.02
0.1
1
Ohm
Shutdown Input
Threshold
(Note3)
VOUT+1.0V< VIN <6.0V
0.4
0.7
1.6
V
ISHDN
Shutdown input Bias
current
(Note3)
VSHDN =VIN
0.01
100
nA
Input Reverse
Leakage current
VOUT-VIN=0.1V
0.1
0.5
µA
Reverse Protection
Threshold
11
50
mV
Note 2 : Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT + 0.5V
Note 3 : For 5-pin devices only.


Similar Part No. - APL5501-19BC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13KC ANPEC-APL5505-13KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13OC ANPEC-APL5505-13OC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13XC ANPEC-APL5505-13XC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-14KC ANPEC-APL5505-14KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
More results

Similar Description - APL5501-19BC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com