Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1087E-25DC-TUL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL1087E-25DC-TUL
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1087E-25DC-TUL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL1087E-25DC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APL1087E-25DC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APL1087E-25DC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APL1087E-25DC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APL1087E-25DC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APL1087E-25DC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APL1087E-25DC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APL1087E-25DC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APL1087E-25DC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Jun., 2003
APL1087E
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
1.8V, 2.5V and 3.3V
••••• Guaranteed Output Voltage Accuracy within 2%
••••• Fast Transient Response
••••• Guaranteed Dropout Voltage at Multiple Cur-
rents
••••• Load Regulation : 0.6% Typ.
••••• Line Regulation : 0.03% Typ.
••••• Low Dropout Voltage : 1.3V Typ. at I
OUT =500mA
••••• Current Limit : 0.8A Min. at T
J=125°C
••••• On-Chip Thermal Limiting : 150 °C Typ.
•••••
Adjustable Output : 1.25~7.15V
••••• Standard 3-pin SOT-89, SOT-223,TO-92 and
TO-252 Power Packages.
Features
General Description
The APL1087E is a low dropout three-terminal ad-
justable regulators with 0.8A output current capability.
In order to obtain lower dropout voltage and faster
transient response, which is critical for low voltage
applications , the APL1087E has been optimized.
The device is available in an adjustable version and
fixed output voltages of 1.8V, 2.5V and 3.3V, the out-
put available voltage range is from 1.25~7.15V with
an input supply below 9V. Dropout voltage is guaran-
teed at a maximum of 1.45V at 0.5A.
Current limit is trimmed to ensure specified output
current and controlled short-circuit current. On-chip
thermal limiting provides protection against any com-
bination of overload that would create excessive junc-
tion temperatures.
The APL1087E is available in the industry standard
3-pin SOT-89, SOT-223,TO-92 and TO-252 power
packages.
Pin Description
Applications
••••• Voltage Regulator for CD-ROM Drivers
••••• Voltage Regulator for LAN Cards
••••• Voltage Regulator for mother Boards
••••• Wireless Communication Systems
••••• Portable Instrument
••••• Portable Consumer Equipment
••••• Low Voltage Systems
VIN
VOUT
GND
TO-92 (Top View)
SOT-89 (Front View)
VIN
VOUT
GND
2
13
12
3
V IN
V OU T
GN D
TO-252 (Front View)
12
3
VIN
VOUT GND
SOT-223 (Front View)


Similar Part No. - APL1087E-25DC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1087-18DC-TR ANPEC-APL1087-18DC-TR Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TRL ANPEC-APL1087-18DC-TRL Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TU ANPEC-APL1087-18DC-TU Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
More results

Similar Description - APL1087E-25DC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com