Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5102-26AI Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5102-26AI
Description  150mA, 4uA Quiescent Current Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5102-26AI Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5102-26AI Datasheet HTML 5Page - Anpec Electronics Coropration APL5102-26AI Datasheet HTML 6Page - Anpec Electronics Coropration APL5102-26AI Datasheet HTML 7Page - Anpec Electronics Coropration APL5102-26AI Datasheet HTML 8Page - Anpec Electronics Coropration APL5102-26AI Datasheet HTML 9Page - Anpec Electronics Coropration APL5102-26AI Datasheet HTML 10Page - Anpec Electronics Coropration APL5102-26AI Datasheet HTML 11Page - Anpec Electronics Coropration APL5102-26AI Datasheet HTML 12Page - Anpec Electronics Coropration APL5102-26AI Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2005
APL5101/2
www.anpec.com.tw
9
Application Information
Capacitor Selection and Regulation Stability
The APL5101/2 use at least a 1
µF capacitor on the
input. This capacitor can use Aluminum, Tantalum or
Ceramic capacitors. Input capacitor with large value
and low ESR provides better PSRR and line transient
response. The output capacitor also can use Aluminum,
Tantalum or Ceramic capacitor, and its proper values
is recommended 1
µF, ESR must be above 10mΩ
Large output capacitor values can reduce noise and
improve load-transient response, stability, and PSRR.
With X5R and Y5V dielectrics, 1
µF is sufficient at all
operating temperatures. The selection of output capacitor
is important because it with COUT form a zero to provide
the sufficient phase margin.
Input-Output (Dropout) Voltage
Theminimum input-output voltage differential (dropout)
determines the lowest usable supply voltage. The
dropout voltage is a function of drain-to-source on
resistance multiplied by the load current.
Current Limit and Short Circuit
APL5101/2 include a current-limit circuitry for this
linear regulator. The current limit protection, which
sense the current flows the P-channel MOSFET, and
controls the output voltage. The point where limiting
occurs is IOUT=300mA. When output is shorted to
ground, the APL5101/2 will keep short circuit current
at 50mA .This design is a method for an indefinite
amount of time without damaging to the part.
Thermal Protection
Thermal protection limits total power dissipation in the
APL5101/2. When the junction temperature exceeds
TJ = +135
°C, the thermal sensor generate a logic signal
to turn off the pass transistor and let IC to cool.When
the IC’s junction temperature cools by 20
°C, the
thermal sensor will turn the pass transistor on again,
resulting in a pulsed output during continuous thermal
protection. Thermal protection is designed to protect
the IC in the event of fault conditions. For continual
operation, do not exceed the absolute maximum junction
temperature rating of TJ = +140
°C.
Operating Region and Power Dissipation
The thermal resistance of the case and circuit board,
ambient and junction air temperature, and the rate of
air flow all control the APL5101/2’s maximum power
dissipation. The power dissipation across the device
is P = IOUT(VIN-VOUT). The maximum power dissipation
is:
PMAX = (TJ-TA) / (
θJC CA )
where TJ-TA is the temperature difference between the
junction and ambient air.
θJC is the thermal resistance
of the package,
θCA is the thermal resistance through
the printed circuit board, copper traces, and other
materials to the surrounding air. The GND pin provides
an electrical connection to ground and channeling heat
away. The printed circuit board (PCB) forms a heat
sink and dissipates most of the heat into ambient air.


Similar Part No. - APL5102-26AI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5102-26A ANPEC-APL5102-26A Datasheet
265Kb / 18P
   150mA, 4mA Quiescent Current Regulator
More results

Similar Description - APL5102-26AI

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101_13 Datasheet
265Kb / 18P
   150mA, 4mA Quiescent Current Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
   24V, 150mA, Low Quiescent Current Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com