Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL431LBDC-TR Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL431LBDC-TR
Description  Low Voltage Adjustable Precision Shunt Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL431LBDC-TR Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL431LBDC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL431LBDC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL431LBDC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL431LBDC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL431LBDC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL431LBDC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL431LBDC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APL431LBDC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APL431LBDC-TR Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Mar., 2005
APL431L
www.anpec.com.tw
7
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
-10
0
10
20
30
40
50
60
10
100
1000
10000
100000
1000000
0
50
100
150
200
250
300
350
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Typical Characteristics
Frequency (Hz)
Frequency (Hz)
Gain vs. Phase Shift vs. Frequency
Zka vs. Frequency
Load Capacitance (
µF)
Stability Boundary Conditions
V
KA =VREF
V
KA =2.5V
V
KA =3.3V
Stable
Unstable
V
KA=VREF
I
KA=10mA
T
A =25°C
I
KA=10mA
T
A =25°C
T
A =25°C


Similar Part No. - APL431LBDC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL431 ANPEC-APL431 Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-PB ANPEC-APL431AAC-PB Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-PBL ANPEC-APL431AAC-PBL Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-TB ANPEC-APL431AAC-TB Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
APL431AAC-TBL ANPEC-APL431AAC-TBL Datasheet
500Kb / 16P
   Adjustable Precision Shunt Regulator
More results

Similar Description - APL431LBDC-TR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com