Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5312-25S5I-TR Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5312-25S5I-TR
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5312-25S5I-TR Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5312-25S5I-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL5312-25S5I-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL5312-25S5I-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL5312-25S5I-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL5312-25S5I-TR Datasheet HTML 9Page - Anpec Electronics Coropration APL5312-25S5I-TR Datasheet HTML 10Page - Anpec Electronics Coropration APL5312-25S5I-TR Datasheet HTML 11Page - Anpec Electronics Coropration APL5312-25S5I-TR Datasheet HTML 12Page - Anpec Electronics Coropration APL5312-25S5I-TR Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2005
APL5312
www.anpec.com.tw
9
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Typical Characteristics (Cont.)
Output Current (mA)
Region of Stable C
OUT ESR vs.
Load Current
Application Information
Output Voltage Selection
The APL5312 are supplied with factory-set output
voltages from 1.5V to 3.5V.
Capacitor Selection and Regulation Stability
The APL5312 uses at least a 1
µF capacitor on the
input. This capacitor can use Aluminum, Tantalum or
Ceramic capacitors. Input capacitor with large value
and low ESR provides better PSRR and line-transient
response. The output capacitor also can use Aluminum,
Tantalum or Ceramic capacitor, and its proper values
is at least 1
µF, ESR must be above 25mΩ. Large
output capacitor values can reduce noise and improve
load-transient response, stability, and PSRR. With X5R
and Y5V dielectrics, 1
µF is sufficient at all operating
temperatures. The selection of output capacitor’s is
important because it with C
OUT form a zero to provide
the sufficient phase margin (see the Figure C
OUT ESR
vs. Load Current).
Bypass Capacitor
Use a 10nF bypass capacitor at BP for low-output
voltage noise. The leakage current going into the BP
pin should be less than 10nA. Increasing the capacitance
slightly decreases the output noise. Value above 0.1
µF
and below 1nF are not recommended (see the Figure
Output Noise vs. BP Capacitance).
Noise, PSRR, and Load-Transient Response
The APL5312 is designed to deliver ultra-low noise
and high PSRR, as well as low dropout and low
quiescent currents in battery–powered systems.
When operating from sources other than batteries,
improve PSRR and transient response can be
achieved by increasing input and output capacitors,
and bypass capacitor to from the passive filtering
Instable
Stable
Instable
VOUT=2.5V
CIN=COUT=1uF,Y5V


Similar Part No. - APL5312-25S5I-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215BI-TRG ANPEC-APL531215BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531215S5I-TRG ANPEC-APL531215S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230BI-TRG ANPEC-APL531230BI-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL531230S5I-TRG ANPEC-APL531230S5I-TRG Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5312-25S5I-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com