Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5506-22KC Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5506-22KC
Description  500mA Regulator Reset IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5506-22KC Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5506-22KC Datasheet HTML 1Page - Anpec Electronics Coropration APL5506-22KC Datasheet HTML 2Page - Anpec Electronics Coropration APL5506-22KC Datasheet HTML 3Page - Anpec Electronics Coropration APL5506-22KC Datasheet HTML 4Page - Anpec Electronics Coropration APL5506-22KC Datasheet HTML 5Page - Anpec Electronics Coropration APL5506-22KC Datasheet HTML 6Page - Anpec Electronics Coropration APL5506-22KC Datasheet HTML 7Page - Anpec Electronics Coropration APL5506-22KC Datasheet HTML 8Page - Anpec Electronics Coropration APL5506-22KC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Sep., 2002
www.anpec.com.tw
3
APL5505/6/7
3
Electrical Characteristics
Unless otherwise noted these specifications apply over full temperature , VIN=5V, CIN=4.7uF,COUT=4.7uF,
CONT=VIN, T
J=0 to 125°C . Typical values refer to T
J
=25
°C .
APL5505/6/7
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
IN
Input Voltage
2.7
6
V
V
OUT
Output Voltage
V
OUT+1.0V< VCC<6.0V, 0mA< IOUT < IMAX
V
OUT -2%
V
OUT
V
OUT +2%
V
I
LIMIT
Circuit Current Limit
VIN=5V
700
mA
ISHORT
Short Current
V
OUT=0V
50
mA
I
OUT
Load Current
500
mA
REG
LINE Line Regulation
V
OUT+0.5V< VCC<6.0V, 0mA< IOUT < IMAX
16
mV
REG
LOAD Load Regulation
V
IN =5V, 0mA< IOUT < IMAX
1
6
mV
V
DROP
Dropout Voltage(Note)
(VOUT(Nominal)=3.0V
Version)
I
OUT =500mA
300
450
mV
PSRR Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = VOUT+1.0V
45
55
dB
I
Q
Quiescent Current
No load
120
µA
Shutdown Supply
Current
CONT = low
I
OUT=0, VCC =6.0V
80
µA
Noise
100Hz<f<80kHz, typical load,
CBP=0.01
µF
180
µV
Shutdown Recovery
Delay
CBP=0.01
µF,C
OUT=1µF, no load
CONT=L
!H
400
µs
OTS
Over Temperature
Sh td
150
°C
Over Temperature
Sh td
H
t
i
Hysteresis
10
°C
TC
Output Voltage
Temperature
Coefficient
50
ppm/
°C
C
OUT
Output Capacitor
4.7
µF
ESR
0.02
0.1
1
Ohm
Shutdown Input
Threshold
V
OUT+1.0V< VIN <6.0V
1.6
V
I
CONT
Shutdown input Bias
current
V
CONT =VIN
0.01
100
nA
Reverse Protection
Threshold
11
50
mV
Note: Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT + 0.5V


Similar Part No. - APL5506-22KC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5506-22KC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
   RegulatorReset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com