Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1211RU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B1211RU
Description  Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1211RU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B1211RU Datasheet HTML 1Page - List of Unclassifed Manufacturers B1211RU Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
12W Output Power
UL Approved (File E245422)
4:1 Input Voltage Range
1,500 VDC Isolation
Compact 1 x 2 Inch Case
Single & Dual Outputs
Optional Remote ON/OFF
Industry Standard Pin-Out
232 Tosca Drive
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Ultra-Wide Input 12W
Single & Dual Output
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
24 VDC Input
8.0
8.5
9.0
VDC
48 VDC Input
14.0
16.0
18.0
Input Filter
(Pi) Filter (Complies with EN55022 Class
“A”)
Reverse Polarity Input Current
1.0A
Short Circuit Input Power
3,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
±1.0%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
±1.0%
Line Regulation
Vin = Min to Max
±0.1
±0.5%
Load Regulation
Iout = 10% to 100%
±0.2
±0.5%
Ripple & Noise (20 MHz) (Note 1)
50
75
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
100
mV P - P
Ripple & Noise (20 MHz)
15
mV rms
Output Power Protection
120%
Transient Recovery Time (Note 2)
25% Load Step Change
150
250
Sec
Transient Response Deviation
±1.5
±2.5%
Temperature Coef
cient
±0.01
±0.02
%/
°C
Output Short Circuit
Continuous
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Test Voltage
Flash Tested For 1 Sec
1,650
VDC
Isolation Resistance
500 VDC
1,000M
Isolation Capacitance
100 kHz, 1V
500
600
pF
Switching Frequency
350
400
450
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+71
°C
Operating Temperature Range
Case
-40
+90
°C
Storage Temperature Range
-40
+125
°C
Cooling
Free Air Convection (See Curves on Page 2)
Humidity
RH, Non-condensing
95%
RFI
Six-Side Shielded Metal Case
Physical
Case Size
2.0 x 1.0 x 0.40 Inches (50.8 x 25.4 x 10.2 mm)
Case Material
Metal with Non-Conductive Base (UL94-V0)
Weight
1.13 Oz (32g)
Reliability Speci
cations
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25
°C, Gnd Benign
700
kHours
Safety Standards
UL 1950, EN 60950, IEC 60950
Safety Approvals
UL, cUL; File No. E245422
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
42.0
VDC
48 VDC Input
-0.7
84.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
°C
Internal Power Dissipation
All Models
5,000
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Speci
cations
Speci
cations typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specications subject to change without notice.


Similar Part No. - B1211RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1211RU MPD-B1211RU Datasheet
81Kb / 2P
   Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
More results

Similar Description - B1211RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1200RU MPD-B1200RU Datasheet
81Kb / 2P
   Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
MA1200RW MPD-MA1200RW Datasheet
379Kb / 3P
   2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
logo
MicroPower Direct, LLC
MA1200RU MPD-MA1200RU Datasheet
422Kb / 3P
   4:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
logo
Superworld Electronics
SW6R48S03UWF SUPERWORLD-SW6R48S03UWF Datasheet
184Kb / 2P
   6W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW3R48S03UWF SUPERWORLD-SW3R48S03UWF Datasheet
176Kb / 2P
   3W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW3R48S03UWSMF SUPERWORLD-SW3R48S03UWSMF Datasheet
147Kb / 2P
   3W Ultra-Wide Input Single & Dual Output DC-DC Converter
logo
MicroPower Direct, LLC
B1500RU MPD-B1500RU Datasheet
264Kb / 2P
   Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
logo
Superworld Electronics
SW2R48S03UWF SUPERWORLD-SW2R48S03UWF Datasheet
172Kb / 2P
   2W Ultra-Wide Input Single & Dual Output DC-DC Converter
logo
MicroPower Direct, LLC
MF3000ERW MPD-MF3000ERW Datasheet
840Kb / 4P
   Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com