Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2509NUC-TR Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM2509NUC-TR
Description  N-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2509NUC-TR Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM2509NUC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM2509NUC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM2509NUC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM2509NUC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM2509NUC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM2509NUC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM2509NUC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM2509NUC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM2509NUC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Jul., 2005
www.anpec.com.tw
2
APM2509NU
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Common Ratings (TA=25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
25
VGSS
Gate-Source Voltage
±20
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
IS
Diode Continuous Forward Current
TC=25°C
30
A
Mounted on Large Heat Sink
TC=25°C
100
IDP
300µs Pulse Drain Current Tested
TC=100°C
65
A
TC=25°C
50*
ID
Continuous Drain Current
TC=100°C
38
A
TC=25°C
50
PD
Maximum Power Dissipation
TC=100°C
20
W
RθJC
Thermal Resistance-Junction to Case
2.5
°C/W
Mounted on PCB of 1in
2 Pad Area
TA=25°C
100
IDP
300µs Pulse Drain Current Tested
TA=100°C
65
A
TA=25°C
13
ID
Continuous Drain Current
TA=100°C
8
A
TA=25°C
2.5
PD
Maximum Power Dissipation
TA=100°C
1
W
RθJA
Thermal Resistance-Junction to Ambient
50
°C/W
Mounted on PCB of Minimum Footprint
TA=25°C
100
IDP
300µs Pulse Drain Current Tested
TA=100°C
65
A
TA=25°C
10.5
ID
Continuous Drain Current
TA=100°C
6
A
TA=25°C
1.6
PD
Maximum Power Dissipation
TA=100°C
0.6
W
RθJA
Thermal Resistance-Junction to Ambient
75
°C/W
Note:
* Current limited by bond wire.


Similar Part No. - APM2509NUC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2509NUB ANPEC-APM2509NUB Datasheet
180Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM2509NUBC-PB ANPEC-APM2509NUBC-PB Datasheet
180Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM2509NUBC-PBL ANPEC-APM2509NUBC-PBL Datasheet
180Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM2509NUC-TR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com