Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5102-17BI Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5102-17BI
Description  150mA, 4uA Quiescent Current Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5102-17BI Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5102-17BI Datasheet HTML 1Page - Anpec Electronics Coropration APL5102-17BI Datasheet HTML 2Page - Anpec Electronics Coropration APL5102-17BI Datasheet HTML 3Page - Anpec Electronics Coropration APL5102-17BI Datasheet HTML 4Page - Anpec Electronics Coropration APL5102-17BI Datasheet HTML 5Page - Anpec Electronics Coropration APL5102-17BI Datasheet HTML 6Page - Anpec Electronics Coropration APL5102-17BI Datasheet HTML 7Page - Anpec Electronics Coropration APL5102-17BI Datasheet HTML 8Page - Anpec Electronics Coropration APL5102-17BI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2005
APL5101/2
www.anpec.com.tw
2
Package Code
A : SOT-23
B : SOT-23-5
D : SOT-89
Operating Ambient Temp. Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Voltage Code :
12 : 1.2V ~ 35 : 3.5V
Lead Free Code
L : Lead Free Device
Blank : Original Device
APL5101/2 -
Handling Code
Temp. Range
Package Code
Voltage Code
105X
X - Date Code : 5 - 1.2V
APL5101 -12 A/B:
Lead Free Code
APL5101
XXXXX12
XXXXX - Date Code : 12 - 1.2V
APL5101 -12 D :
AB5X
X - Date Code : 5 - 1.2V
APL5102 -12 A/B:
APL5102
XXXXX12
XXXXX - Date Code : 12 - 1.2V
APL5102 -12 D :
Ordering and Marking Information
Product Name
Marking
Product Name
Marking
APL5101-12A/B
105X
APL5102-12A/B
AB5X
APL5101-13A/B
107X
APL5102-13A/B
AB7X
APL5101-14A/B
108X
APL5102-14A/B
AB8X
APL5101-15A/B
109X
APL5102-15A/B
AB9X
APL5101-16A/B
10AX
APL5102-16A/B
ABAX
APL5101-17A/B
10BX
APL5102-17A/B
ABBX
APL5101-18A/B
10CX
APL5102-18A/B
ABCX
APL5101-19A/B
10DX
APL5102-19A/B
ABDX
APL5101-20A/B
10EX
APL5102-20A/B
ABEX
APL5101-21A/B
10FX
APL5102-21A/B
ABFX
APL5101-22A/B
10GX
APL5102-22A/B
ABGX
APL5101-23A/B
10HX
APL5102-23A/B
ABHX
APL5101-24A/B
10IX
APL5102-24A/B
ABIX
APL5101-25A/B
10JX
APL5102-25A/B
ABJX
APL5101-26A/B
10KX
APL5102-26A/B
ABKX
APL5101-27A/B
10LX
APL5102-27A/B
ABLX
APL5101-28A/B
10MX
APL5102-28A/B
ABMX
APL5101-29A/B
10NX
APL5102-29A/B
ABNX
APL5101-30A/B
10OX
APL5102-30A/B
ABOX
APL5101-31A/B
10PX
APL5102-31A/B
ABPX
APL5101-32A/B
10QX
APL5102-32A/B
ABQX
APL5101-33A/B
10RX
APL5102-33A/B
ABRX
APL5101-34A/B
10SX
APL5102-34A/B
ABSX
APL5101-35A/B
10TX
APL5102-35A/B
ABTX
SOT-23 and SOT-23-5 packages
°
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.


Similar Part No. - APL5102-17BI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5102-17B ANPEC-APL5102-17B Datasheet
265Kb / 18P
   150mA, 4mA Quiescent Current Regulator
More results

Similar Description - APL5102-17BI

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101_13 Datasheet
265Kb / 18P
   150mA, 4mA Quiescent Current Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
   24V, 150mA, Low Quiescent Current Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com