Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2800BC-TRL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APM2800BC-TRL
Description  N-Channel Enhancement Mode MOSFET with Schottky Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2800BC-TRL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APM2800BC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APM2800BC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APM2800BC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APM2800BC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APM2800BC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APM2800BC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APM2800BC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APM2800BC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APM2800BC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.3 - Jun., 2005
www.anpec.com.tw
9
APM2800B
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
t 25 C to Peak
tp
Ramp-up
t
L
Ramp-down
ts
Preheat
Tsmax
Tsmin
T
L
T
P
25
Time
Critical Zone
T
L to T P
°
Reflow Condition (IR/Convection or VPR Reflow)
Classificatin Reflow Profiles
Physical Specifications
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate
(TL to TP)
3
°C/second max.
3
°C/second max.
Preheat
-
Temperature Min (Tsmin)
-
Temperature Max (Tsmax)
-
Time (min to max) (ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
-
Temperature (TL)
-
Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak/Classificatioon Temperature (Tp)
See table 1
See table 2
Time within 5
°C of actual
Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-down Rate
6
°C/second max.
6
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
8 minutes max.
Notes: All temperatures refer to topside of the package .Measured on the body surface.


Similar Part No. - APM2800BC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2801B ANPEC-APM2801B Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TR ANPEC-APM2801BC-TR Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TRL ANPEC-APM2801BC-TRL Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TU ANPEC-APM2801BC-TU Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
APM2801BC-TUL ANPEC-APM2801BC-TUL Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
More results

Similar Description - APM2800BC-TRL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS3014SSS DIODES-DMS3014SSS Datasheet
163Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32265 Rev. 3 - 2
DMS3016SSSA DIODES-DMS3016SSSA_15 Datasheet
163Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DMS3015SSS DIODES-DMS3015SSS Datasheet
157Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32096 Rev. 4 - 2
DMG4710SSS DIODES-DMG4710SSS Datasheet
175Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DMG4712SSS DIODES-DMG4712SSS Datasheet
159Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32040 Rev. 5 - 2
DMG4812SSS DIODES-DMG4812SSS Datasheet
160Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS35071 Rev. 2 - 2
DMS3016SSS DIODES-DMS3016SSS Datasheet
167Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32266 Rev. 3 - 2
DMS3016SFG DIODES-DMS3016SFG_15 Datasheet
218Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
DMG7702SFG DIODES-DMG7702SFG Datasheet
185Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
logo
Sinopower Semiconductor...
SM1691OSCS SINOPWER-SM1691OSCS Datasheet
260Kb / 12P
   Single N-Channel Enhancement Mode MOSFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com