Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM3020PUC-TRL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM3020PUC-TRL
Description  P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM3020PUC-TRL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM3020PUC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APM3020PUC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APM3020PUC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APM3020PUC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APM3020PUC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APM3020PUC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APM3020PUC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APM3020PUC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APM3020PUC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Oct., 2005
www.anpec.com.tw
4
APM3020PU
1E-4
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
2
Mounted on 1in
2 pad
R
θJA :50
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
Typical Characteristics
Power Dissipation
Tj - Junction Temperature (°C)
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
-VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
0
20
40
60
80 100 120 140 160 180
0
10
20
30
40
50
60
T
C
=25
oC
0
20
40
60
80 100 120 140 160 180
0
5
10
15
20
25
30
35
T
C
=25
oC,V
G
=-10V
0.1
1
10
100
0.1
1
10
100
1s
T
C
=25
oC
10ms
100ms
DC


Similar Part No. - APM3020PUC-TRL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM3020PUC-TRL VBSEMI-APM3020PUC-TRL Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - APM3020PUC-TRL

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com