Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5302-50A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5302-50A
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5302-50A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5302-50A Datasheet HTML 1Page - Anpec Electronics Coropration APL5302-50A Datasheet HTML 2Page - Anpec Electronics Coropration APL5302-50A Datasheet HTML 3Page - Anpec Electronics Coropration APL5302-50A Datasheet HTML 4Page - Anpec Electronics Coropration APL5302-50A Datasheet HTML 5Page - Anpec Electronics Coropration APL5302-50A Datasheet HTML 6Page - Anpec Electronics Coropration APL5302-50A Datasheet HTML 7Page - Anpec Electronics Coropration APL5302-50A Datasheet HTML 8Page - Anpec Electronics Coropration APL5302-50A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2004
APL5301/2
www.anpec.com.tw
4
Electrical Characteristics
Unless otherwise noted these specifications apply over full temperature, VIN=3.8V, CIN=COUT=1uF, SHDN=VIN,
T
J=0 to 125°C. Typical values refer to T
J
=25
°C.
APL5301/2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.7
6.5
V
VOUT
Output Voltage
VOUT+1.0V< VCC<6.0V, 0mA< IOUT V
OUT -2
% VOUT VOUT +2%
V
ILIMIT
Circuit Current Limit
VIN=VOUT+0.5V
500
mA
ISHORT Short Current
VOUT=0V
50
mA
IOUT
Load Current
VIN=VOUT+0.5V
300
mA
REGLINE Line Regulation
VOUT+0.5V< VCC<6.0V,
IOUT=150mA
4
10
mV
REGLOA Load Regulation
VIN =VOUT+0.5V, 0mA< IOUT < IMAX
1
6
mV
Load Transient
VIN= VOUT+0.5V ,
IOUT=1mA-150mA in 1us
70
150
mV
mV
1.3V
≤V
OUT<1.5V
1.2
1.6
1.5V
≤V
OUT<2.0V
1
1.2
2.0V
≤V
OUT<2.5V
0.8
0.9
2.5V
≤V
OUT<3V
0.6
0.7
VDROP Dropout Voltage
(Note2)
IOUT =300mA
3V
≤V
OUT
≤ 5V
0.4
0.5
V
PSRR Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = VOUT+1.0V
45
55
dB
No load
50
80
IQ
Quiescent Current
IOUT=300mA
150
180
µA
Shutdown Supply
Current
(Note3)
Shutdown = low
IOUT=0, VCC=6.0V
0.01
1
µA
Noise
100Hz<f<100kHz, typical load,
CBP=0.01uF, COUT = 1uF
200
µVrms
Shutdown Recovery
Delay
(Note3)
CBP=0.01uF,COUT=1uF, no load
0.4
ms
OTS
Over Temperature Shutdown
150
°C
Over Temperature Shutdown
Hysteresis
Hysteries
10
°C
TC
Output Voltage Temperature
Coefficient
50
ppm/
°C
COUT Output Capacitor
0.8
1.0
2.6
µF
ESR
0.02
0.1
1
Ohm
Shutdown Input
Threshold
(Note3)
VOUT+1.0V< VIN <6.0V
0.4
1.6
2.5
V


Similar Part No. - APL5302-50A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15A ANPEC-APL5308-15A Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15A ANPEC-APL5308-15A Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15AC ANPEC-APL5308-15AC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5302-50A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com