Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5509R-32AC Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5509R-32AC
Description  Low IQ, Low Dropout 560mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5509R-32AC Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5509R-32AC Datasheet HTML 5Page - Anpec Electronics Coropration APL5509R-32AC Datasheet HTML 6Page - Anpec Electronics Coropration APL5509R-32AC Datasheet HTML 7Page - Anpec Electronics Coropration APL5509R-32AC Datasheet HTML 8Page - Anpec Electronics Coropration APL5509R-32AC Datasheet HTML 9Page - Anpec Electronics Coropration APL5509R-32AC Datasheet HTML 10Page - Anpec Electronics Coropration APL5509R-32AC Datasheet HTML 11Page - Anpec Electronics Coropration APL5509R-32AC Datasheet HTML 12Page - Anpec Electronics Coropration APL5509R-32AC Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Mar., 2004
APL5508/5508R/5509/5509R
www.anpec.com.tw
9
SOT-89 (Reference EIAJ ED-7500A Reg stration SC-62)
Packaging Information
M illim eters
Inches
Dim
Min.
Max.
Min.
Max.
A
1.40
1.60
0.055
0.063
B
0.40
0.56
0.016
0.022
B 1
0.35
0.48
0.014
0.019
C
0.35
0.44
0.014
0.017
D
4.40
4.60
0.173
0.181
D 1
1.35
1.83
0.053
0.072
e
1.50 B SC
0.059 BSC
e1
3.00 B SC
0.118 B SC
E
2.29
2.60
0.090
0.102
H
3.75
4.25
0.148
0.167
L
0.80
1.20
0.031
0.047
α
10
°
10
°
D
D1
e
B1
e1
B
12
3
L
H
E
C
a
a
A


Similar Part No. - APL5509R-32AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5509R-32AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com