Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5508-33AC Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5508-33AC
Description  Low IQ, Low Dropout 560mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5508-33AC Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5508-33AC Datasheet HTML 1Page - Anpec Electronics Coropration APL5508-33AC Datasheet HTML 2Page - Anpec Electronics Coropration APL5508-33AC Datasheet HTML 3Page - Anpec Electronics Coropration APL5508-33AC Datasheet HTML 4Page - Anpec Electronics Coropration APL5508-33AC Datasheet HTML 5Page - Anpec Electronics Coropration APL5508-33AC Datasheet HTML 6Page - Anpec Electronics Coropration APL5508-33AC Datasheet HTML 7Page - Anpec Electronics Coropration APL5508-33AC Datasheet HTML 8Page - Anpec Electronics Coropration APL5508-33AC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Mar., 2004
APL5508/5508R/5509/5509R
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Unless otherwise noted these specifications apply over full temperature, CIN=COUT=1uF, T
J=0 to 125°C.
Typical values refer to TJ=25
°C.
1
APL5508/9/R
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
1.5V
≤V
OUT<2.0V
1.1
1.3
2.0V
≤V
OUT<2.5V
0.9
1.0
2.5V
≤V
OUT<3V
0.7
0.8
VDROP Dropout Voltage
(Note1)
IOUT =560mA
3V
≤V
OUT
≤ 3.5V
0.6
0.7
V
PSRR Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = VOUT+1.0V
45
55
dB
No load
60
100
IQ
Quiescent Current
IOUT=560mA
450
500
µA
OTS
Over Temperature
150
°C
Over Temperature
Hysteresis
30
°C
TC
Output Voltage
Temperature
Coefficient
50
ppm/
°C
COUT
Output Capacitor
4.7
µF
ESR
0.01
0.1
1
Ohm
Note1 : Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT+1V
Application Circuit
V OUT
V IN
GN D
VO U T
C IN
1
µ F
A P L5 50 8/R
A P L5 50 9/R
IN P U T
2.7V to 6V
C OUT
4.7
µ F


Similar Part No. - APL5508-33AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5508-33AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com