Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5502-16DC Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5502-16DC
Description  Low IQ, Low Dropout 500mA Fixed Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5502-16DC Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5502-16DC Datasheet HTML 1Page - Anpec Electronics Coropration APL5502-16DC Datasheet HTML 2Page - Anpec Electronics Coropration APL5502-16DC Datasheet HTML 3Page - Anpec Electronics Coropration APL5502-16DC Datasheet HTML 4Page - Anpec Electronics Coropration APL5502-16DC Datasheet HTML 5Page - Anpec Electronics Coropration APL5502-16DC Datasheet HTML 6Page - Anpec Electronics Coropration APL5502-16DC Datasheet HTML 7Page - Anpec Electronics Coropration APL5502-16DC Datasheet HTML 8Page - Anpec Electronics Coropration APL5502-16DC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Low I
Q, Low Dropout 500mA Fixed Voltage Regulator
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5501/2/3
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
Design with an internal P-channel MOSFET pass
transistor, the APL5501/2/3 maintains a low supply
current, independent of the load current and dropout
voltage. Other features include rev erse current
protection, thermal-shutdown protection, current limit
protection to ensure specified output current and con-
trolled short-circuit current. The APL5501/2/3 regu-
lator comes in a miniature SOT-23-5, SOT-89, SOT-
89-5, SOT-223, SO-8, TO-252 and TO-252-5
packages.
Applications
• Notebook Computer
PDA or Portable Equipments
• Noise-Sensitive Instrumentation Systems
Low Noise : 50
µV
RMS (100Hz to 100kHz)
Low Quiescent Current : 50
µA (No load)
Low Dropout Voltage : 170mV (@500mA)
Very low Shutdown Current : < 0.5uA
Fixed Output Voltage : 1.3V ~ 3.4V
Stable with 4.7uF Output Capacitor
• Stable with Aluminum, Tantalum or Ceramic
Capacitors
• Reverse Current Protection
• No Protection Diodes Needed
Built in Thermal Protection
Built in Current Limit Protection
• Controlled Short Circuit Current : 150mA
Fast Transient Response
Short Setting Time
• SOT-23-5, SOT-89, SOT-89-5, SOT-223, SO-8,
TO-252 and TO-252-5 Packages
Lead Free Available (RoHS Compliant)
Pin Configuration
SOT-89 (Top View)
V IN
GND
V OUT
1
2
3
TAB is GND
SOT-89-5 (Top View)
SO-8 (Top View)
TO-252-5 (Top View)
General Description
The APL5501/2/3 is micropower, low noise, low drop-
out linear regulator. Operate from 2.7V to 6V input
voltage and deliver up to 500mA. Typical output noise
is just 50
µV
RMS with the addition of an external 0.1µF
bypass capacitor in BP pin and typical dropout volt-
age is only 170mV at 500mA loading . Designed for
use in battery-powered system, the low 50uA quies-
cent current makes it an ideal choice.
TO-252 (Top View)
GND
1
2
3
VOUT
VIN
VIN
GND
VOUT
1
2
3
5
4
SHDN
BP
GND
BP
VOUT
GND
VIN
SHDN
SOT-23-5 (Top View)
1
2
3
4
5
VIN
GND
SHDN
BP
V OUT
APL5501
1
2
3
4
5
6
7
8
IN
GND
GND
SHDN
BYP
GND
GND
OUT


Similar Part No. - APL5502-16DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13KC ANPEC-APL5505-13KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13OC ANPEC-APL5505-13OC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13XC ANPEC-APL5505-13XC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-14KC ANPEC-APL5505-14KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
More results

Similar Description - APL5502-16DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com