Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4416KC-TR Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM4416KC-TR
Description  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4416KC-TR Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM4416KC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM4416KC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM4416KC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM4416KC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM4416KC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM4416KC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM4416KC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM4416KC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM4416KC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
APM4416K
www.anpec.com.tw
5
Typical Characteristics (Cont.)
VDS - Drain - Source Voltage (V)
Output Characteristics
Drain-Source On Resistance
ID - Drain Current (A)
Transfer Characteristics
VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
-50
-25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
DS
=250
µA
024
68
10
0
2
4
6
8
10
12
14
16
18
20
3.5V
3V
4V
V
GS
= 5, 6, 7, 8, 9,10V
0
4
8
12
16
20
0
5
10
15
20
25
30
35
40
V
GS
=10V
V
GS
=4.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2
4
6
8
10
12
14
16
18
20
T
j
=-55
o
C
T
j
=125
o
C
T
j
=25
o
C


Similar Part No. - APM4416KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4416KCTR ANPEC-APM4416KCTR Datasheet
148Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM4416KCTU ANPEC-APM4416KCTU Datasheet
148Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4416KC-TR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com