Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4425KC-TU Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APM4425KC-TU
Description  P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4425KC-TU Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APM4425KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APM4425KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APM4425KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APM4425KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APM4425KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APM4425KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APM4425KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APM4425KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APM4425KC-TU Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
9
APM4425K
Carrier Tape & Reel Dimensions
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245°C,5 SEC
HOLT
MIL-STD 883D-1005.7
1000 Hrs Bias @ 125°C
PCT
JESD-22-B, A102
168 Hrs, 100% RH, 121°C
TST
MIL-STD 883D-1011.9
-65°C ~ 150°C, 200 Cycles
Reliability Test Program
Table 1.
SnPb Entectic Process – Package Peak R eflow Tem peratures
Package Thickness
Volum e m m
3
<350
Volume mm
3
≥350
<2.5 m m
240 +0/-5
°C
225 +0/-5
°C
≥2.5 m m
225 +0/-5
°C
225 +0/-5
°C
Table 2. Pb-free Process – Package Classification Reflow Tem peratures
Package Thickness
Volum e m m
3
<350
Volum e m m
3
350-2000
Volum e m m
3
>2000
<1.6 m m
260 +0
°C*
260 +0
°C*
260 +0
°C*
1.6 m m – 2.5 m m
260 +0
°C*
250 +0
°C*
245 +0
°C*
≥2.5 mm
250 +0
°C*
245 +0
°C*
245 +0
°C*
*Tolerance: The device m anufacturer/supplier shall assure process com patibility up to and
including the stated classification tem perature (this m eans Peak reflow tem perature +0
°C.
For exam ple 260
°C+0°C) at the rated MSL level.
Classification Reflow Profiles(Cont.)


Similar Part No. - APM4425KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4420 ANPEC-APM4420 Datasheet
108Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM4420K ANPEC-APM4420K Datasheet
118Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM4420KC-TR ANPEC-APM4420KC-TR Datasheet
108Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM4420KC-TR ANPEC-APM4420KC-TR Datasheet
118Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM4420KC-TRL ANPEC-APM4420KC-TRL Datasheet
118Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4425KC-TU

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com