Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5509-36AC Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5509-36AC
Description  Low IQ, Low Dropout 560mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5509-36AC Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5509-36AC Datasheet HTML 1Page - Anpec Electronics Coropration APL5509-36AC Datasheet HTML 2Page - Anpec Electronics Coropration APL5509-36AC Datasheet HTML 3Page - Anpec Electronics Coropration APL5509-36AC Datasheet HTML 4Page - Anpec Electronics Coropration APL5509-36AC Datasheet HTML 5Page - Anpec Electronics Coropration APL5509-36AC Datasheet HTML 6Page - Anpec Electronics Coropration APL5509-36AC Datasheet HTML 7Page - Anpec Electronics Coropration APL5509-36AC Datasheet HTML 8Page - Anpec Electronics Coropration APL5509-36AC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Mar., 2004
APL5508/5508R/5509/5509R
www.anpec.com.tw
3
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
6.5
V
RTH,JA
Thermal Resistance – Junction to Ambient
SOT-23 : 260
SOT-89 : 180
SOT-223 : 135
°C/W
RTH,JC
Thermal Resistance – Junction to Case
SOT-23 : 130
SOT-89 : 38
SOT-223 : 15
°C/W
PD
Power Dissipation
Internally Limited
W
TJ
Operating Junction Temperature
°C
Control Section
0 to 125
Power Transistor
0 to 150
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
Electrical Characteristics
Unless otherwise noted these specifications apply over full temperature, CIN=COUT=1uF, T
J=0 to 125°C.
Typical values refer to TJ=25
°C.
APL5508/9/R
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.7
6
V
VOUT
Output Voltage
VOUT+1.0V< VCC<6.0V, 0mA< IOUT < IMAX VOUT -2%
VOUT VOUT +2%
V
ILIMIT
Circuit Current Limit VIN=VOUT+1V
800
mA
ISHORT
Short Current
VOUT=0V
50
mA
IOUT
Load Current
VIN=VOUT+1V
560
mA
REGLINE Line Regulation
VOUT+1V< VCC<6.0V, IOUT=1mA
1
10
mV
REGLOAD Load Regulation
VIN =VOUT+1V, 0mA< IOUT < IMAX
20
40
mV
Load Transient
VIN= VOUT+1V , IOUT=1mA-560mA in 1
µs
150
250
mV
PIN
No.
Name
I/O
Description
1
VIN
I
Supply voltage input.
2
GND
Ground pins of the circuitry, and all ground pins must be soldered
To PCB with proper power dissipation.
3
VOUT
O
Output pin of the regulator.
Pin Description
Absolute Maximum Ratings


Similar Part No. - APL5509-36AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5509-36AC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com