Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5902-31UC Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5902-31UC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5902-31UC Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5902-31UC Datasheet HTML 1Page - Anpec Electronics Coropration APL5902-31UC Datasheet HTML 2Page - Anpec Electronics Coropration APL5902-31UC Datasheet HTML 3Page - Anpec Electronics Coropration APL5902-31UC Datasheet HTML 4Page - Anpec Electronics Coropration APL5902-31UC Datasheet HTML 5Page - Anpec Electronics Coropration APL5902-31UC Datasheet HTML 6Page - Anpec Electronics Coropration APL5902-31UC Datasheet HTML 7Page - Anpec Electronics Coropration APL5902-31UC Datasheet HTML 8Page - Anpec Electronics Coropration APL5902-31UC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Low I
Q, Low Dropout 900mA Fixed Voltage Regulator
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
Applications
• Notebook Computer
PDA or Portable Equipments
• Noise-Sensitive Instrumentation Systems
Low Noise : 50
µV
RMS (100Hz to 100kHz)
• Low Quiescent Current : 50µA (No load)
• Low Dropout Voltage : 210mV (@900mA)
Very low Shutdown Current : < 1
µA
Fixed Output Voltage : 1.3V ~ 3.4V
Stable with 4.7
µF Output Capacitor
• Stable with Aluminum , Tantalum or Ceramic
Capacitors .
• Reverse Current Protection
• No Protection Diodes Needed
Built in Thermal Protection
Built in Current Limit Protection
• Controlled Short Circuit Current : 200mA
Fast Transient Response
Short Setting Time
• SOT-89, SOT-89-5, SOT-223, SO-8 ,TO-252
and TO-252-5 Packages
• Lead Free Available (RoHS Compliant)
Pin Configuration
SOT-89 (Top View)
V IN
GND
V OUT
1
2
3
TAB is GND
SO-8 (Top View)
SOT-223 (Top View)
1
2
3
4
5
6
7
8
IN
GND
GND
SHDN
BYP
GND
GND
OUT
VOUT
GND
VIN
1
2
3
TAB is GND
TO-252-5 (Top View)
TAB is GND
1
2
3
VOUT
VIN
General Description
The APL5901/2 is micropower, low noise, low dropout
linear regulator. Operate from 2.7V to 6V input voltage
and deliver up to 900mA. Typical output noise is just
50
µV
RMS with the addition of an external 0.1µF bypass
capacitor in BP pin and typical dropout voltage is only
210mV at 900mA loading. Designed for use in bat-
tery-powered system, the low 50
µA quiescent cur-
rent makes it an ideal choice.
TO-252 (Top View)
APL5901
BP
VOUT
GND
VIN
SHDN
SOT-89-5 (Top View)
VIN
GND
VOUT
1
2
3
5
4
SHDN
BP
GND
Design with an internal P-channel MOSFET pass
transistor, the APL5901/2 maintains a low supply
current, independent of the load current and dropout
voltage. Other features include rev erse current
protection, thermal-shutdown protection, current limit
protection to ensure specified output current and con-
trolled short-circuit current. The APL5901/2 regulator
come in a miniature SOT-89, SOT-89-5, SOT-223, SO-
8, TO-252 and TO-252-5 packages.


Similar Part No. - APL5902-31UC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910 ANPEC-APL5910 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRL ANPEC-APL5910KAI-TRL Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results

Similar Description - APL5902-31UC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com