Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5153-37B Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5153-37B
Description  Low IQ, Low Dropout 150mA Fixed Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5153-37B Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5153-37B Datasheet HTML 1Page - Anpec Electronics Coropration APL5153-37B Datasheet HTML 2Page - Anpec Electronics Coropration APL5153-37B Datasheet HTML 3Page - Anpec Electronics Coropration APL5153-37B Datasheet HTML 4Page - Anpec Electronics Coropration APL5153-37B Datasheet HTML 5Page - Anpec Electronics Coropration APL5153-37B Datasheet HTML 6Page - Anpec Electronics Coropration APL5153-37B Datasheet HTML 7Page - Anpec Electronics Coropration APL5153-37B Datasheet HTML 8Page - Anpec Electronics Coropration APL5153-37B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - May., 2005
APL5151/2/3/4
www.anpec.com.tw
3
PIN
No.
Name
I/O
Description
1
VIN
I
Supply voltage input.
2
GND
Ground pins of the circuitry, and all ground pins must be soldered to
PCB with proper power dissipation.
3
SHDN
I
Shutdown control pin, low = off , high = normal .
4
BP
O
Bypass signal pin in fixed output type device
5
VOUT
O
Output pin of the regulator.
Pin Description
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
6
V
SHDN
Shutdown Control Pin
6
V
RTH,JA
Thermal Resistance – Junction to Ambient
260
°C/W
RTH,JC
Thermal Resistance – Junction to Case
130
°C/W
PD
Power Dissipation
Internally Limited
W
TJ
Operating Junction Temperature
°C
Control Section
0 to 125
Power Transistor
0 to 150
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
Electrical Characteristics
Unless otherwise noted these specifications apply over full temperature , VIN=3.6V, CIN=COUT=1uF, SHDN=VIN,
T
J=0 to 125°C . Typical values refer to T
J
=25
°C .
APL5151/2/3/4
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
IN
Input Voltage
2.7
6
V
V
OUT
Output Voltage
V
OUT+1.0V< VCC<6.0V, 0mA< IOUT < IMAX VOUT -2%
V
OUT
VOUT +2%
V
I
LIMIT
Circuit Current Limit
VIN=VOUT+1V
250
300
350
mA
ISHORT
Short Current
V
OUT=0V
40
50
60
mA
I
OUT
Load Current
150
mA
REG
LINE Line Regulation
V
OUT+0.5V< VCC<6.0V, 0mA< IOUT < IMAX
4
10
mV
REG
LOAD Load Regulation
V
IN =VOUT+1.0V, 0mA< IOUT < IMAX
515X
1
0.1
6
mV
%
Load Transient
VIN= VOUT+1V , IOUT=1mA-150mA in 1
µs
10? A to max. load in 1?s
70
150
mV
mV


Similar Part No. - APL5153-37B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155 Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533BI-TRG ANPEC-APL515533BI-TRG Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
302Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
APL515533DI-TRG ANPEC-APL515533DI-TRG Datasheet
233Kb / 20P
   High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
More results

Similar Description - APL5153-37B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com