Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5507-21OC Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5507-21OC
Description  500mA Regulator Reset IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5507-21OC Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5507-21OC Datasheet HTML 1Page - Anpec Electronics Coropration APL5507-21OC Datasheet HTML 2Page - Anpec Electronics Coropration APL5507-21OC Datasheet HTML 3Page - Anpec Electronics Coropration APL5507-21OC Datasheet HTML 4Page - Anpec Electronics Coropration APL5507-21OC Datasheet HTML 5Page - Anpec Electronics Coropration APL5507-21OC Datasheet HTML 6Page - Anpec Electronics Coropration APL5507-21OC Datasheet HTML 7Page - Anpec Electronics Coropration APL5507-21OC Datasheet HTML 8Page - Anpec Electronics Coropration APL5507-21OC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Sep., 2002
www.anpec.com.tw
2
APL5505/6/7
3
Pin Description
PIN
No.
Name
I/O
Description
RESET(5505)
O
Input voltage detection output pin , high = VIN<VS , low = VIN>VS
1
VDET(5506/7)
I
Input pin of voltage detection.
RESET(5507)
Input voltage detection output pin , high = VIN<VS , low = VIN>VS
2
RESET(5506)
O
Input voltage detection output pin , low = VIN<VS , high = VIN>VS
3
CONT
I
Output voltage on/off-control pin, low = off , high = on.
4
VIN
O
Voltage supply input pin.
5
VOUT
O
Regulator output pin.
6
Bypass
Bypass signal pin, connect a bypass capacitor to reduce output noise.
7
GND
GND pin
8
Cd
Delay time capacitor pin, RESET pin output delay time can be set by
the capacitance connected to the Cd pin. tPLH = 160000*C, tPLH :
transmission delay time (s), C:capacitor value (F)
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
6
V
CONT
Shutdown Control Pin
6
V
Vdet
RESET pin supply voltage
6
V
RTH,JA
Thermal Resistance – Junction to Ambient
210
°C/W
PD
Power Dissipation
Internally Limited
W
TJ
Operating Junction Temperature
Control Section
0 to 125
°C
Power Transistor
0 to 150
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
Absolute Maximum Ratings
Ordering and Marking Information
P a ck ag e C o de
K : S O P - 8
O : T S S O P -8
X : M S O P -8
Te m p . R a n g e
C : 0 to 7 0 C
I : -4 0 to 8 5 C
Ha n d lin g Co d e
TR : Ta p e & R e e l
V o lt ag e C o de :
1 3 : 1.3V ~ 34 : 3.4V
D e te ctio n V o ltag e :
A : 3 .9 V
B : 4 .2 V
Le ad F ree C o d e
L : L e a d F re e D e v ic e
B la n k : O rig in a l D e v ic e
A P L 550 5/6/7 -
Ha n d lin g Co d e
Te m p . R a n g e
P a ck ag e C o de
V o lt ag e C o de
A P L5 50 5/6/7X
XX XX X13
A P L5 50 5/6/7 :
X
- D e te c tio n V o lta g e
X X X X X - D a te C o d e , 1 3 - 1 .3 V
De te c tio n Vo lta g e
Le ad F ree C o d e
°
°


Similar Part No. - APL5507-21OC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5507-21OC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
   RegulatorReset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com